Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD4N25 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQD4N25
Description  N-Channel QFET MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD4N25 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQD4N25 Datasheet HTML 1Page - Fairchild Semiconductor FQD4N25 Datasheet HTML 2Page - Fairchild Semiconductor FQD4N25 Datasheet HTML 3Page - Fairchild Semiconductor FQD4N25 Datasheet HTML 4Page - Fairchild Semiconductor FQD4N25 Datasheet HTML 5Page - Fairchild Semiconductor FQD4N25 Datasheet HTML 6Page - Fairchild Semiconductor FQD4N25 Datasheet HTML 7Page - Fairchild Semiconductor FQD4N25 Datasheet HTML 8Page - Fairchild Semiconductor FQD4N25 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
 
 
 
 
     
    

    !" # $%#&##'( # 
)*#+,-./-/Ω, 0 
, 1.2--.2µ /3/0 
"  !"  --µ 4%(%(  5
6 %   7   # 


 





C+
 C>+ 
+-'+7-)*'µ(
)*'


+
∆C+
$∆
C>+ 
 
7-)*'µ(, )*8

' ))

+$8
7
D;+ 
+-)*'++-'+


.
µ(
+-)''+-.)*8


.'
µ(
7
;C1>
+-&'++-'+


.''
(
7
;C1>,!
+-&'++-'+


.''
(
 
+
; + 
+-+7-)*'µ(
& '

* '
+
,
  
, 
+-.'+7-. *(

. &5
. /*

   
+-*'+7-. *(

) 3


 

7  
+-)*++-'+
-. 'E#


.**
)''


  

&*
3*


,!  

3 5
F *

   

 
+-.)*+7-& F(
,-)*Ω


F 5
)*


,

3*
.''


 

F 3
)*


 

))
**

G
 ;
+-)''+7-& F(
+-.'+


3 &
* F

G
; 

. &


G
;

) .


     
7
B 


& '
(
7
B:  


.)
(
+
 + 
+-'+7-& '(


. *
+

,!, !
+-'+7-& F(
7$-.''($µ

..'


G
,!, !

' &*

µ
©2005 Fairchild Semiconductor Corporation
FQD4N25 / FQU4N25 Rev. C0
www.fairchildsemi.com


Similar Part No. - FQD4N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD4N25 FAIRCHILD-FQD4N25 Datasheet
722Kb / 9P
   250V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQD4N25 ISC-FQD4N25 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
More results

Similar Description - FQD4N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQPF13N50T FAIRCHILD-FQPF13N50T Datasheet
1Mb / 10P
   N-Channel QFET MOSFET
FQD19N10 FAIRCHILD-FQD19N10_13 Datasheet
545Kb / 8P
   N-Channel QFET MOSFET
FQD13N10 FAIRCHILD-FQD13N10_13 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD19N10L FAIRCHILD-FQD19N10L_13 Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
FQT7N10LTF FAIRCHILD-FQT7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com