Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD8001 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FOD8001
Description  High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8001 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FOD8001 Datasheet HTML 1Page - Fairchild Semiconductor FOD8001 Datasheet HTML 2Page - Fairchild Semiconductor FOD8001 Datasheet HTML 3Page - Fairchild Semiconductor FOD8001 Datasheet HTML 4Page - Fairchild Semiconductor FOD8001 Datasheet HTML 5Page - Fairchild Semiconductor FOD8001 Datasheet HTML 6Page - Fairchild Semiconductor FOD8001 Datasheet HTML 7Page - Fairchild Semiconductor FOD8001 Datasheet HTML 8Page - Fairchild Semiconductor FOD8001 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8001 Rev. 1.0.3
3
Isolation Characteristics (Apply over all recommended conditions, typical value is measured at T
A = 25°C)
Notes:
5. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are shorted
together.
6. 3,750 VACRMS for 1 minute duration is equivalent to 4,500 VACRMS for 1 second duration.
Electrical Characteristics (Apply over all recommended conditions, typical value is measured at
VDD1 = VDD2 = +3.3V, VDD1 = +3.3V and VDD2 = +5.0V, VDD1 = +5.0V and VDD2 = +3.3V, VDD1 = VDD2 = +5.0V, TA = 25°C)
Symbol
Characteristics
Test Conditions
Min.
Typ.*
Max.
Unit
VISO
Input-Output Isolation Voltage
f = 60Hz, t = 1.0 min, II-O ≤ 10µA
(5)(6)
3750
VacRMS
RISO
Isolation Resistance
VI-O = 500V
(5)
1011
CISO
Isolation Capacitance
VI-O = 0V, f = 1.0MHz
(5)
0.2
pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
INPUT CHARACTERISTICS
IDD1L
Logic Low Input Supply
Current
VI = 0V
6.2
10.0
mA
IDD1H
Logic High Input Supply
Current
VI = VDD1
0.8
3.0
mA
IIA, IIB
Input Current
-10
+10
µA
OUTPUT CHARACTERISTICS
IDD2L
Logic Low Output Supply
Current
VI = 0V
4.5
9.0
mA
IDD2H
Logic High Output Supply
Current
VI = VDD1
4.5
9.0
mA
VOH
Logic High Output Voltage
IO = -20µA, VI = VIH, VDD2 = +3.3V
2.9
3.3
V
IO = -4mA, VI = VIH, VDD2 = +3.3V
1.9
2.9
IO = -20µA, VI = VIH, VDD2 = +5.0V
4.4
5.0
IO = -4mA, VI = VIH, VDD2 = +5.0V
4.0
4.8
VOL
Logic Low Output Voltage
IO = 20µA, VI = VIL
0
0.1
V
IO = 4mA, VI = VIL
0.3
1.0


Similar Part No. - FOD8001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8001 FAIRCHILD-FOD8001 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
logo
ON Semiconductor
FOD8001 ONSEMI-FOD8001 Datasheet
224Kb / 10P
   High Noise Immunity, 3.3 V / 5 V Logic Gate Optocoupler
August, 2020 ??Rev. 1
FOD8001R2 ONSEMI-FOD8001R2 Datasheet
224Kb / 10P
   High Noise Immunity, 3.3 V / 5 V Logic Gate Optocoupler
August, 2020 ??Rev. 1
More results

Similar Description - FOD8001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8001 FAIRCHILD-FOD8001 Datasheet
624Kb / 12P
   High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8071 FAIRCHILD-FODM8071_10 Datasheet
369Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8061 FAIRCHILD-FODM8061 Datasheet
382Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM8061 FAIRCHILD-FODM8061_10 Datasheet
387Kb / 12P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FODM8061 ONSEMI-FODM8061 Datasheet
714Kb / 14P
   High Noise Immunity, 3.3V/5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
Rev. 2
FODM8061 ONSEMI-FODM8061_V01 Datasheet
239Kb / 11P
   High Noise Immunity, 3.3V/5V, 10 Mbit/sec Logic Gate Output (Open Collector) Optocoupler
August, 2022 - Rev. 3
logo
Fairchild Semiconductor
FODM611 FAIRCHILD-FODM611_10 Datasheet
396Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM611 FAIRCHILD-FODM611 Datasheet
370Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
logo
ON Semiconductor
FOD8001 ONSEMI-FOD8001 Datasheet
224Kb / 10P
   High Noise Immunity, 3.3 V / 5 V Logic Gate Optocoupler
August, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com