Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3184TV Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FOD3184TV
Description  3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3184TV Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FOD3184TV Datasheet HTML 1Page - Fairchild Semiconductor FOD3184TV Datasheet HTML 2Page - Fairchild Semiconductor FOD3184TV Datasheet HTML 3Page - Fairchild Semiconductor FOD3184TV Datasheet HTML 4Page - Fairchild Semiconductor FOD3184TV Datasheet HTML 5Page - Fairchild Semiconductor FOD3184TV Datasheet HTML 6Page - Fairchild Semiconductor FOD3184TV Datasheet HTML 7Page - Fairchild Semiconductor FOD3184TV Datasheet HTML 8Page - Fairchild Semiconductor FOD3184TV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3184 Rev. 1.0.4
2
Truth Table
Pin Definitions
LED
VDD –VSS “Positive Going”
(Turn-on)
VDD –VSS “Negative Going”
(Turn-off)
VO
Off
0V to 30V
0V to 30V
Low
On
0V to 11.5V
0V to 10V
Low
On
11.5V to 13.5V
10V to 12V
Transition
On
13.5V to 30V
12V to 30V
High
Pin #
Name
Description
1NC
Not Connected
2
Anode
LED Anode
3
Cathode
LED Cathode
4NC
Not Connected
5VSS
Negative Supply Voltage
6VO2
Output Voltage 2 (internally connected to VO1)
7VO1
Output Voltage 1
8VDD
Positive Supply Voltage


Similar Part No. - FOD3184TV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
More results

Similar Description - FOD3184TV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
logo
Broadcom Corporation.
ACPL-P314 BOARDCOM-ACPL-P314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
ACPL-W314 BOARDCOM-ACPL-W314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com