Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3184TV Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FOD3184TV
Description  3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3184TV Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FOD3184TV Datasheet HTML 1Page - Fairchild Semiconductor FOD3184TV Datasheet HTML 2Page - Fairchild Semiconductor FOD3184TV Datasheet HTML 3Page - Fairchild Semiconductor FOD3184TV Datasheet HTML 4Page - Fairchild Semiconductor FOD3184TV Datasheet HTML 5Page - Fairchild Semiconductor FOD3184TV Datasheet HTML 6Page - Fairchild Semiconductor FOD3184TV Datasheet HTML 7Page - Fairchild Semiconductor FOD3184TV Datasheet HTML 8Page - Fairchild Semiconductor FOD3184TV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3184 Rev. 1.0.4
February 2011
FOD3184
3A Output Current, High Speed MOSFET/IGBT
Gate Driver Optocoupler
Features
High noise immunity characterized by 50kV/µs (Typ.)
common mode rejection @ VCM = 2,000V
Guaranteed operating temperature range of
-40°C to +100°C
3A peak output current for medium power
MOSFET/IGBT
Fast switching speed
– 210ns max. propagation delay
– 65ns max pulse width distortion
Fast output rise/fall time
– Offers lower dynamic power dissipation
250kHz maximum switching speed
Wide VDD operating range from 15V to 30V
Use of P-Channel MOSFETs at output stage
enables output voltage swing close to the supply rail
(rail-to-rail output)
Under voltage lockout protection (UVLO) with
hysteresis – optimized for driving IGBTs
Safety and regulatory approvals
– UL1577, 5,000 VACRMS for 1 min.
– DIN EN/IEC 60747-5-2, 1,414 peak working
insulation voltage
• Minimum creepage distance of 8.0mm
• Minimum clearance distance of 8mm to 16mm
(option TV or TSV)
• Minimum insulation thickness of 0.5mm
Applications
Plasma Display Panel
High performance DC/DC convertor
High performance switch mode power supply
High performance uninterruptible power supply
Isolated Power MOSFET/IGBT gate drive
Description
The FOD3184 is a 3A Output Current, High Speed
MOSFET/IGBT Gate Drive Optocoupler. It consists of a
aluminium gallium arsenide (AlGaAs) light emitting diode
optically coupled to a CMOS detector with PMOS and
NMOS output power transistors integrated circuit power
stage. It is ideally suited for high frequency driving of
power MOSFETS/IGBT used in Plasma Display Panels
(PDPs), motor control inverter applications and high
performance DC/DC converters.
The device is packaged in an 8-pin dual in-line housing
compatible with 260°C reflow processes for lead free
solder compliance.
Functional Block Diagram
Package Outlines
8
8
1
8
1
1
8
1
1
2
3
4
8
7
6
5
NC
ANODE
CATHODE
NC
VDD
VO2
VO1
VSS
Note:
A 0.1µF bypass capacitor must be connected between pins 5 and 8.


Similar Part No. - FOD3184TV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
More results

Similar Description - FOD3184TV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
logo
Broadcom Corporation.
ACPL-P314 BOARDCOM-ACPL-P314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
ACPL-W314 BOARDCOM-ACPL-W314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com