Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7551CU Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL7551CU
Description  Monolithic 1 Amp DC:DC Step-down Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7551CU Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL7551CU Datasheet HTML 1Page - Elantec Semiconductor EL7551CU Datasheet HTML 2Page - Elantec Semiconductor EL7551CU Datasheet HTML 3Page - Elantec Semiconductor EL7551CU Datasheet HTML 4Page - Elantec Semiconductor EL7551CU Datasheet HTML 5Page - Elantec Semiconductor EL7551CU Datasheet HTML 6Page - Elantec Semiconductor EL7551CU Datasheet HTML 7Page - Elantec Semiconductor EL7551CU Datasheet HTML 8Page - Elantec Semiconductor EL7551CU Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL7551C is an integrated, synchronous step-down regulator with
output voltage adjustable from 1.0V to 3.8V. It is capable of delivering
1A continuous current at up to 95% efficiency. The EL7551C operates
at a constant frequency pulse width modulation (PWM) mode, making
external synchronization possible. Patented on-chip resistorless cur-
rent sensing enables current mode control, which provides cycle-by-
cycle current limiting, over-current protection, and excellent step load
response. The EL7551C is available in a fused-lead 16-pin QSOP
package. With proper external components, the whole converter fits
into a less than 0.4 in2 area. The minimal external components and
small size make this EL7551C ideal for desktop and portable
applications.
The EL7551C is specified for operation over the -40°C to +85°C tem-
perature range.
Typical Application Diagram
Manufactured under U.S. Patent No. 57,323,974
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
SGND
COSC
VDD
PGND
PGND
VIN
VIN
EN
PGND
VREF
FB
VDRV
LX
LX
VHI
PGND
R3
R2
L1
C3
C4
C1
C5
R1
C6
C7
VO
(3.3V,
1A)
VIN
(4.5V-
5.5V)
2.37k
10µH
1k
0.1µF
47µF
0.1µF
0.1µF 270pF
39
10µF
ceramic
EL7551C
Features
• Integrated synchronous MOSFETs
and current mode controller
• 1A continuous output current
• Up to 95% efficiency
• 4.5V to 5.5V input voltage
• Adjustable output from 1V to 3.8V
• Cycle-by-cycle current limit
• Precision reference
• ±0.5% load and line regulation
• Adjustable switching frequency to
1MHz
• Oscillator synchronization
possible
• Internal soft start
• Over temperature protection
• Under voltage lockout
• 16-pin QSOP package
Applications
• DSP, CPU Core and IO Supplies
• Logic/Bus Supplies
• Portable Equipment
• DC:DC Converter Modules
• GTL + Bus Power Supply
Ordering Information
Part No
Package
Tape & Reel
Outline #
EL7551CU
16-Pin QSOP
MDP0040
EL7551C - Preliminary
Monolithic 1 Amp DC:DC Step-down Regulator


Similar Part No. - EL7551CU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7551CU INTERSIL-EL7551CU Datasheet
149Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551CU RENESAS-EL7551CU Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551CU-T13 INTERSIL-EL7551CU-T13 Datasheet
149Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
EL7551CU-T13 INTERSIL-EL7551CU-T13 Datasheet
173Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551CU-T13 RENESAS-EL7551CU-T13 Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
More results

Similar Description - EL7551CU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7563 INTERSIL-EL7563 Datasheet
635Kb / 16P
   Monolithic 4 Amp DC:DC Step-Down Regulator
logo
Elantec Semiconductor
EL7563C ELANTEC-EL7563C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
EL7562C ELANTEC-EL7562C Datasheet
241Kb / 10P
   Monolithic 2 Amp DC:DC Step-down Regulator
EL7564C ELANTEC-EL7564C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551 INTERSIL-EL7551_06 Datasheet
173Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551 RENESAS-EL7551 Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551 INTERSIL-EL7551 Datasheet
149Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com