Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-C195TBKYCT-5A Datasheet(PDF) 10 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # L-C195TBKYCT-5A
Description  SURFACE MOUNT DEVICE LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

L-C195TBKYCT-5A Datasheet(HTML) 10 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button L-C195TBKYCT-5A Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. L-C195TBKYCT-5A Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. L-C195TBKYCT-5A Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. L-C195TBKYCT-5A Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. L-C195TBKYCT-5A Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. L-C195TBKYCT-5A Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. L-C195TBKYCT-5A Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. L-C195TBKYCT-5A Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. L-C195TBKYCT-5A Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SURFACE MOUNT DEVICE LED
L-C195TBKYCT-5A
REV:A / 0
CAUTIONS
1. Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office
equipment, communication equipment and household applications).Consult Liteon’s Sales in advance
for information on applications in which exceptional reliability is required, particularly when the
failure or malfunction of the LEDs may directly jeopardize life or health (such as in aviation,
transportation, traffic control equipment, medical and life support systems and safety devices).
2. Storage
The storage ambient for the LEDs should not exceed 30°C temperature or 70% relative humidity.
It is recommended that LEDs out of their original packaging are IR-reflowed within one week.
For extended storage out of their original packaging, it is recommended that the LEDs be stored in a
sealed container with appropriate desiccant, or in a desiccators with nitrogen ambient.
LEDs stored out of their original packaging for more than a week should be baked at about 60 deg C
for at least 24 hours before solder assembly.
3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED if necessary.
4. Soldering
Recommended soldering conditions:
5. Drive Method
An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs
connected in parallel in an application, it is recommended that a current limiting resistor be
incorporated in the drive circuit, in series with each LED as shown in Circuit A below.
(A) Recommended circuit.
(B) The brightness of each LED might appear different due to the differences in the I-V
characteristics of those LEDs.
6. ESD (Electrostatic Discharge)
Static Electricity or power surge will damage the LED.
Suggestions to prevent ESD damage:
* Use of a conductive wrist band or anti-electrostatic glove when handling these LEDs.
* All devices, equipment, and machinery must be properly grounded.
* Work tables, storage racks, etc. should be properly grounded.
* Use ion blower to neutralize the static charge which might have built up on surface of the LED’s
plastic lens as a result of friction between LEDs during storage and handling.
DRAWING NO. : DS-31-09-0001
DATE : 2009-02-04
Page : 10
Release
by
PARA LIGHT DCC


Similar Part No. - L-C195TBKYCT-5A

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
L-C195TBJRCT PARALIGHT-L-C195TBJRCT Datasheet
398Kb / 8P
   Dome Lens Chip LED
More results

Similar Description - L-C195TBKYCT-5A

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
0603KRCT HB-0603KRCT Datasheet
745Kb / 10P
   SURFACE MOUNT DEVICE LED
0603LGCT HB-0603LGCT Datasheet
811Kb / 10P
   SURFACE MOUNT DEVICE LED
logo
PARA LIGHT ELECTRONICS ...
L-T670KGCT PARALIGHT-L-T670KGCT Datasheet
745Kb / 14P
   SURFACE MOUNT DEVICE LED
L-T670WDT-NW2-Q PARALIGHT-L-T670WDT-NW2-Q Datasheet
297Kb / 17P
   SURFACE MOUNT DEVICE LED
L-T2835WDT-NW1-Q PARALIGHT-L-T2835WDT-NW1-Q Datasheet
222Kb / 15P
   SURFACE MOUNT DEVICE LED
L-T670WDT-CW1 PARALIGHT-L-T670WDT-CW1 Datasheet
882Kb / 16P
   SURFACE MOUNT DEVICE LED
L-C155TBJSCT-5A PARALIGHT-L-C155TBJSCT-5A Datasheet
234Kb / 13P
   SURFACE MOUNT DEVICE LED
L-C170JGCT PARALIGHT-L-C170JGCT Datasheet
273Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JYCT PARALIGHT-L-C170JYCT Datasheet
301Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170LBCT PARALIGHT-L-C170LBCT Datasheet
307Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170WDT PARALIGHT-L-C170WDT Datasheet
294Kb / 15P
   SURFACE MOUNT DEVICE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com