Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5004-T1-A Datasheet(PDF) 1 Page - California Eastern Labs

Part # 2SC5004-T1-A
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5004-T1-A Datasheet(HTML) 1 Page - California Eastern Labs

  2SC5004-T1-A Datasheet HTML 1Page - California Eastern Labs 2SC5004-T1-A Datasheet HTML 2Page - California Eastern Labs 2SC5004-T1-A Datasheet HTML 3Page - California Eastern Labs 2SC5004-T1-A Datasheet HTML 4Page - California Eastern Labs 2SC5004-T1-A Datasheet HTML 5Page - California Eastern Labs 2SC5004-T1-A Datasheet HTML 6Page - California Eastern Labs 2SC5004-T1-A Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SILICON TRANSISTOR
NE58219 / 2SC5004
PACKAGE DIMENSIONS
in millimeters
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector
NPN SILICON EPITAXIAL TRANSISTOR
3 PINS ULTRA SUPER MINI MOLD
Document No. P10383EJ2V0DS00 (2nd edition)
(Previous No. TD-2428)
Date Published July 1995 P
1.6 ± 0.1
0.8 ± 0.1
2
1
3
DESCRIPTION
The NE58219 / 2SC5004 is a low supply voltage transistor
designed for UHF OSC/MIX.
It is suitable for a high density surface mount assembly since the
transistor has been applied ultra super mini mold package.
FEATURES
High fT : 5.0 GHz TYP. (@ VCE = 5 V, IC = 5 mA, f = 1 GHz)
Low Cre : 0.9 pF TYP. (@ VCB = 5 V, IE = 0, f = 1 MHz)
Ultra Super Mini Mold Package. (1.6 mm × 0.8 mm)
ORDERING INFORMATION
QUANTITY
PACKING STYLE
Embossed tape 8 mm wide.
Pin 3 (Collector) face to
perforation side of the tape.
PART NUMBER
50 pcs./unit
3 kpcs./Reel
* Please contact your nearby sales office if you require evaluation
sample. Unit sample quantity shall be 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3
V
Collector Current
IC
60
mA
Total Power Dissipation
PT
100
mW
Junction Temperature
Tj
125
°
C
Storage Temperature
Tstg
–55 to +125
°
C
NE58219-A
2SC5004-A
NE58219-T1-A
2SC5004-T1-A


Similar Part No. - 2SC5004-T1-A

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5004-T1 NEC-2SC5004-T1 Datasheet
54Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5004-T1 RENESAS-2SC5004-T1 Datasheet
272Kb / 10P
   SILICON TRANSISTOR
1995
More results

Similar Description - 2SC5004-T1-A

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5006 NEC-2SC5006 Datasheet
62Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5009 NEC-2SC5009 Datasheet
59Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5010 RENESAS-2SC5010 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5008 RENESAS-2SC5008_15 Datasheet
241Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5007 NEC-2SC5007 Datasheet
63Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006 RENESAS-2SC5006_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
2SC5007 RENESAS-2SC5007_15 Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com