Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7242C Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL7242C
Description  Dual Input, High Speed, Dual Channel Power MOSFET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7242C Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL7242C Datasheet HTML 1Page - Elantec Semiconductor EL7242C Datasheet HTML 2Page - Elantec Semiconductor EL7242C Datasheet HTML 3Page - Elantec Semiconductor EL7242C Datasheet HTML 4Page - Elantec Semiconductor EL7242C Datasheet HTML 5Page - Elantec Semiconductor EL7242C Datasheet HTML 6Page - Elantec Semiconductor EL7242C Datasheet HTML 7Page - Elantec Semiconductor EL7242C Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EL7242CEL7252C
Dual Input High Speed Dual Channel Power MOSFET Driver
AC Electrical Characteristics T
A
e
25 C V e 15V unless otherwise specified
Parameter
Description
Test
Min
Typ
Max
Test
Units
Conditions
Level
Switching Characteristics
tR
Rise Time
CL e 500 pF
10
IV
ns
CL e 1000 pF
20
tF
Fall Time
CL e 500 pF
10
IV
ns
CL e 1000 pF
20
tD-ON
Turn-On Delay Time
20
25
IV
ns
tD-OFF
Turn-Off Delay Time
20
25
IV
ns
Timing Table
7242 – 3
Standard Test Configuration
7242 – 4
Simplified Schematic
7242 – 5
3


Similar Part No. - EL7242C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7242CN INTERSIL-EL7242CN Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242CN INTERSIL-EL7242CN Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
More results

Similar Description - EL7242C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242 INTERSIL-EL7242 Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Renesas Technology Corp
EL7242 RENESAS-EL7242 Datasheet
472Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Elantec Semiconductor
EL7243C ELANTEC-EL7243C Datasheet
221Kb / 12P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
EL7243 INTERSIL-EL7243 Datasheet
129Kb / 7P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Renesas Technology Corp
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com