Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-C170TBCT Datasheet(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # L-C170TBCT
Description  SURFACE MOUNT DEVICE LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

L-C170TBCT Datasheet(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  L-C170TBCT Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. L-C170TBCT Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. L-C170TBCT Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. L-C170TBCT Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. L-C170TBCT Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. L-C170TBCT Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. L-C170TBCT Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. L-C170TBCT Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. L-C170TBCT Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SURFACE MOUNT DEVICE LED
Part No. : L-C170TBCT
REV:B / 5
PACKAGE OUTLINE DIMENSIONS
P.C BOARD
POLARITY
1.2 5
TOP VIEW
R0 .1 0
LED DICE
MOLDING
BODY (LENS)
SIDE VIEW
0.45
BACK VIEW
1.05
-
0.3 5
REF .
0.9 5
0.80
0 .28 ~ 0.3 0
5.00 °
CATHODE
0.45
SOLDERING
TERMINAL
2.0 0
1.50
+
Notes:
1. All dimensions are in millimeters.
2. Tolerance is ± 0.1mm (.004") unless otherwise noted.
Features
Top view, wide view angle, single color Chip LED.
Package in 8mm tape on 7" diameter reels.
Compatible with automatic Pick & Place equipment.
Compatible with Infrared and Wave soldering reflow solder processes.
EIA STD package.
I.C. compatible.
Pb free product.
Meet RoHS Green Product.
DRAWING NO. : DS-72-03-0010
DATE : 2009-11-26
PAGE
2 of 14
PARA-FOR-068
Release
by
PARA LIGHT DCC


Similar Part No. - L-C170TBCT

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
L-C170JFCT PARALIGHT-L-C170JFCT Datasheet
287Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JGCT PARALIGHT-L-C170JGCT Datasheet
273Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JRCT PARALIGHT-L-C170JRCT Datasheet
271Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JYCT PARALIGHT-L-C170JYCT Datasheet
301Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170KFCT PARALIGHT-L-C170KFCT Datasheet
309Kb / 14P
   SURFACE MOUNT DEVICE LED
More results

Similar Description - L-C170TBCT

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
0603KRCT HB-0603KRCT Datasheet
745Kb / 10P
   SURFACE MOUNT DEVICE LED
0603LGCT HB-0603LGCT Datasheet
811Kb / 10P
   SURFACE MOUNT DEVICE LED
logo
PARA LIGHT ELECTRONICS ...
L-T670KGCT PARALIGHT-L-T670KGCT Datasheet
745Kb / 14P
   SURFACE MOUNT DEVICE LED
L-T670WDT-NW2-Q PARALIGHT-L-T670WDT-NW2-Q Datasheet
297Kb / 17P
   SURFACE MOUNT DEVICE LED
L-T2835WDT-NW1-Q PARALIGHT-L-T2835WDT-NW1-Q Datasheet
222Kb / 15P
   SURFACE MOUNT DEVICE LED
L-T670WDT-CW1 PARALIGHT-L-T670WDT-CW1 Datasheet
882Kb / 16P
   SURFACE MOUNT DEVICE LED
L-C155TBJSCT-5A PARALIGHT-L-C155TBJSCT-5A Datasheet
234Kb / 13P
   SURFACE MOUNT DEVICE LED
L-C170JGCT PARALIGHT-L-C170JGCT Datasheet
273Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JYCT PARALIGHT-L-C170JYCT Datasheet
301Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170LBCT PARALIGHT-L-C170LBCT Datasheet
307Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170WDT PARALIGHT-L-C170WDT Datasheet
294Kb / 15P
   SURFACE MOUNT DEVICE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com