Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7232C Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL7232C
Description  Dual Channel, High Speed, High Current Line Driver w/3-State
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7232C Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL7232C Datasheet HTML 1Page - Elantec Semiconductor EL7232C Datasheet HTML 2Page - Elantec Semiconductor EL7232C Datasheet HTML 3Page - Elantec Semiconductor EL7232C Datasheet HTML 4Page - Elantec Semiconductor EL7232C Datasheet HTML 5Page - Elantec Semiconductor EL7232C Datasheet HTML 6Page - Elantec Semiconductor EL7232C Datasheet HTML 7Page - Elantec Semiconductor EL7232C Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EL7232C
Dual Channel High Speed High Current Line Driver w3-State
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these
specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
1994 Elantec Inc
Features
 3-State output
 3V and 5V input compatible
 Clocking speeds up to 10 MHz
 20 ns Switchingdelay time
 2A Peak drive
 Low matched output
impedance5
X
 Low quiescent current25 mA
 Wide operating voltage
45V--16V
Applications
 Parallel bus line drivers
 EPROM and PROM
programming
 Motor controls
 Charge pumps
 Sampling circuits
 Pin drivers
 Bridge circuits
Ordering Information
Part No
Temp Range
Pkg
Outline
EL7232CN b40 Cto a85 C 8-Pin P-DIP MDP0031
EL7232CS b40 Cto a85 C 8-Pin SO
MDP0027
Truth Table
3-State
Input
Output
10
1
11
0
0
0
Open
0
1
Open
General Description
The EL7232C 3-state drivers are particularly well suited for
ATE and microprocessor based applications The low quiescent
power dissipation makes this part attractive in battery applica-
tions The 2A peak drive capability makes the EL7232C an
excellent choice when driving high speed capacitive lines as
well The input circuitry provides level shifting from TTL lev-
els to the supply rails The EL7232C is available in 8-pin P-DIP
and 8-lead SO packages
Connection Diagram
7232 – 1
Manufactured under US Patent Nos 5334883
5341047


Similar Part No. - EL7232C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7232CN INTERSIL-EL7232CN Datasheet
113Kb / 6P
   Dual Channel, High Speed, High Current Line Driver w/3-State
EL7232CN INTERSIL-EL7232CN Datasheet
213Kb / 8P
   Dual Channel, High Speed, High Current Line Driver with 3-State
EL7232CN INTERSIL-EL7232CN Datasheet
224Kb / 7P
   Dual Channel, High Speed, High Current Line Driver with 3-State
logo
Renesas Technology Corp
EL7232CN RENESAS-EL7232CN Datasheet
481Kb / 8P
   Dual Channel, High Speed, High Current Line Driver with 3-State
logo
Intersil Corporation
EL7232CNZ INTERSIL-EL7232CNZ Datasheet
213Kb / 8P
   Dual Channel, High Speed, High Current Line Driver with 3-State
More results

Similar Description - EL7232C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7232 INTERSIL-EL7232 Datasheet
113Kb / 6P
   Dual Channel, High Speed, High Current Line Driver w/3-State
logo
Renesas Technology Corp
EL7232 RENESAS-EL7232 Datasheet
481Kb / 8P
   Dual Channel, High Speed, High Current Line Driver with 3-State
logo
Intersil Corporation
EL7232CN INTERSIL-EL7232CN Datasheet
224Kb / 7P
   Dual Channel, High Speed, High Current Line Driver with 3-State
EL7232 INTERSIL-EL7232_06 Datasheet
213Kb / 8P
   Dual Channel, High Speed, High Current Line Driver with 3-State
logo
Texas Instruments
UA9638C TI-UA9638C Datasheet
78Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C TI1-UA9638C_12 Datasheet
411Kb / 12P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C-EP TI1-UA9638C-EP_14 Datasheet
518Kb / 11P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com