Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5550979A-T1A Datasheet(PDF) 5 Page - California Eastern Labs

Part # NE5550979A-T1A
Description  Silicon Power LDMOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE5550979A-T1A Datasheet(HTML) 5 Page - California Eastern Labs

  NE5550979A-T1A Datasheet HTML 1Page - California Eastern Labs NE5550979A-T1A Datasheet HTML 2Page - California Eastern Labs NE5550979A-T1A Datasheet HTML 3Page - California Eastern Labs NE5550979A-T1A Datasheet HTML 4Page - California Eastern Labs NE5550979A-T1A Datasheet HTML 5Page - California Eastern Labs NE5550979A-T1A Datasheet HTML 6Page - California Eastern Labs NE5550979A-T1A Datasheet HTML 7Page - California Eastern Labs NE5550979A-T1A Datasheet HTML 8Page - California Eastern Labs NE5550979A-T1A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NE5550979A
R09DS0031EJ0300 Rev.3.00
Page 5 of 11
Mar 12, 2013
TEST CIRCUIT SCHEMATIC FOR 157 MHz
C10
IN
OUT
C24
C11
C12
C21
C22
C23
C20
C1
VDS
C1
L1
L11
L20
R1
VGS
FET
NE5550979A
50
Ω
50
Ω
COMPONENTS OF TEST CIRCUIT FOR MEASURING ELECTRICAL CHARACTERISTICS
Symbol
Value
Type
Maker
C1
1
μ F
GRM31CR72A105KA01B
Murata
C10
100 pF
GRM1882C1H101JA01
Murata
C11
4.7 pF
ATC100A4R7CT
American Technical
Ceramics
C12
39 pF
ATC100A390JT
American Technical
Ceramics
C20
2.0 pF
ATC100A2R0CT
American Technical
Ceramics
C21
22 pF
ATC100A220JT
American Technical
Ceramics
C22
68 pF
ATC100A680JT
American Technical
Ceramics
C23
12 pF
ATC100A120JT
American Technical
Ceramics
C24
100 pF
ATC100A101JT
American Technical
Ceramics
R1
4.7 k
Ω
1/10 W Chip Resistor
SSM
SSM_RG1608PB472
L1
123 nH
φ 0.5 mm, φ D = 3 mm, 10 Turns
Ohesangyou
L11
27 nH
LLQ2012-F27N
TOKO
L20
35 nH
φ 0.5 mm, φ D = 2.4 mm, 5 Turns
Ohesangyou
PCB
R1766, t = 0.4 mm,
εr = 4.5, size = 30 × 48 mm
Panasonic
SMA Connecter
WAKA 01K0790-20
WAKA
<R>
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - NE5550979A-T1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5550979A-T1A RENESAS-NE5550979A-T1A Datasheet
438Kb / 10P
   Silicon Power LDMOS FET
NE5550979A-T1A RENESAS-NE5550979A-T1A Datasheet
790Kb / 13P
   Silicon Power LDMOS FET
NE5550979A-T1A RENESAS-NE5550979A-T1A Datasheet
784Kb / 13P
   Silicon Power LDMOS FET
NE5550979A-T1A-A RENESAS-NE5550979A-T1A-A Datasheet
790Kb / 13P
   Silicon Power LDMOS FET
More results

Similar Description - NE5550979A-T1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5550779A RENESAS-NE5550779A Datasheet
3Mb / 17P
   Silicon Power LDMOS FET
NE5550979A RENESAS-NE5550979A_13 Datasheet
790Kb / 13P
   Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550279A CEL-NE5550279A Datasheet
772Kb / 8P
   Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550979A RENESAS-NE5550979A_15 Datasheet
784Kb / 13P
   Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550779A CEL-NE5550779A Datasheet
3Mb / 16P
   Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550279A RENESAS-NE5550279A Datasheet
470Kb / 9P
   Silicon Power LDMOS FET
NE5550979A RENESAS-NE5550979A Datasheet
438Kb / 10P
   Silicon Power LDMOS FET
logo
Motorola, Inc
MRF9745T1 MOTOROLA-MRF9745T1 Datasheet
60Kb / 4P
   HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
MAPLST1617-030CF MA-COM-MAPLST1617-030CF_15 Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com