Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8501L1-V Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS8501L1-V
Description  HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8501L1-V Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS8501L1-V Datasheet HTML 2Page - California Eastern Labs PS8501L1-V Datasheet HTML 3Page - California Eastern Labs PS8501L1-V Datasheet HTML 4Page - California Eastern Labs PS8501L1-V Datasheet HTML 5Page - California Eastern Labs PS8501L1-V Datasheet HTML 6Page - California Eastern Labs PS8501L1-V Datasheet HTML 7Page - California Eastern Labs PS8501L1-V Datasheet HTML 8Page - California Eastern Labs PS8501L1-V Datasheet HTML 9Page - California Eastern Labs PS8501L1-V Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet PN10656EJ04V0DS
6
PS8501,PS8501L1,PS8501L2,PS8501L3
ELECTRICAL CHARACTERISTICS (TA = 25 C)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 16 mA
1.7
2.2
V
Reverse Current
IR
VR = 3 V
10
A
Forward Voltage
Temperature Coefficent
VF/ TA
IF = 16 mA
2.1
mV/ C
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
30
pF
Detector
High Level Output Current
IOH (1)
IF = 0 mA, VCC = VO = 5.5 V
3
500
nA
High Level Output Current
IOH (2)
IF = 0 mA, VCC = VO = 35 V
100
A
Low Level Output Voltage
VOL
IF = 16 mA, VCC = 4.5 V, IO = 2.4 mA
0.15
0.4
V
Low Level Supply Current
ICCL
IF = 16 mA, VO = Open, VCC = 35 V
150
A
High Level Supply Current
ICCH
IF = 0 mA, VO = Open, VCC = 35 V
0.01
1
A
DC Current Gain
hFE
VO = 5 V, IO = 3 mA
65
Coupled
Current Transfer Ratio
CTR
IF = 16 mA, VCC = 4.5 V, VO = 0.4 V
15
%
Isolation Resistance
RI-O
VI-O = 1 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.7
pF
Propagation Delay Time
tPHL
IF = 16 mA, VCC = 5 V, RL = 1.9 k
0.22
0.8
s
(H
L)
*2
Propagation Delay Time
tPLH
IF = 16 mA, VCC = 5 V, RL = 1.9 k
0.35
0.8
s
(L
H)
*2
*1 Typical values at TA = 25 C
*2 Test circuit for propagation delay time
Remark CL includes probe and stray wiring capacitance.
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against
static electricity when handling.
2. By-pass capacitor of more than 0.1
F is used between VCC and GND near device. Also, ensure that the
distance between the leads of the photocoupler and capacitor is no more than 10 mm.
3. Pins 1, 4 (which is an NC
*1 pin) can either be connected directly to the GND pin on the LED side or left open.
Unconnected pins should not be used as a bypass for signals or for any other similar purpose because this
may degrade the internal noise environment of the device.
*1 NC: Non-Connection (No Connection)
4. Avoid storage at a high temperature and high humidity.
<R>
<R>


Similar Part No. - PS8501L1-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8501L1-V RENESAS-PS8501L1-V Datasheet
293Kb / 18P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
More results

Similar Description - PS8501L1-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8502 RENESAS-PS8502 Datasheet
167Kb / 19P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8501 RENESAS-PS8501 Datasheet
293Kb / 18P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
NEC
PS8601 NEC-PS8601 Datasheet
81Kb / 10P
   HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8601 RENESAS-PS8601 Datasheet
282Kb / 17P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8601 CEL-PS8601 Datasheet
433Kb / 12P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8502 CEL-PS8502 Datasheet
961Kb / 17P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8302L CEL-PS8302L Datasheet
223Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8302L RENESAS-PS8302L Datasheet
234Kb / 18P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS8302 CEL-PS8302 Datasheet
614Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com