Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7902-1A Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS7902-1A
Description  4-PIN SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7902-1A Datasheet(HTML) 3 Page - California Eastern Labs

  PS7902-1A Datasheet HTML 1Page - California Eastern Labs PS7902-1A Datasheet HTML 2Page - California Eastern Labs PS7902-1A Datasheet HTML 3Page - California Eastern Labs PS7902-1A Datasheet HTML 4Page - California Eastern Labs PS7902-1A Datasheet HTML 5Page - California Eastern Labs PS7902-1A Datasheet HTML 6Page - California Eastern Labs PS7902-1A Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary document
Specifications in this document are tentative and subject to change.
PS7902-1A
Chapter Title
Page 3 of 6
Mar 7, 2012
ABSOLUTE MAXIMUM RATINGS (TA = 25 C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW
Peak Forward
Current *1
IFP
1
A
MOS FET Break Down Voltage
VL
40
V
Continuous Load
Current
IL
250
mA
Pulse Load Current *2
(AC/DC Connection)
ILP
500
mA
Power Dissipation *2
PD
100
mW
Isolation Voltage *3
BV
500
Vr.m.s.
Total Power Dissipation
PT
150
mW
Operating Ambient Temperature
TA
40 to +85
C
Storage Temperature
Tstg
40 to +100
C
Notes: *1. PW = 100 s, Duty Cycle = 1%
*2. PW = 100 ms, 1 shot
*3. AC voltage for 1 minute at TA = 25 C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-4 shorted together.
RECOMMENDED OPERATING CONDITIONS (TA = 25 C)
Parameter
Symbol
MIN.
TYP. MAX.
Unit
LED Operating Current
IF
4.5
5
20
mA
LED Off Current
IF
0.1
mA
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS7902-1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7902-1A RENESAS-PS7902-1A Datasheet
209Kb / 10P
   4-PIN SMALL FLAT-LEAD, LOW C × R (11.6 pF • Ω) 1-ch Optical Coupled MOS FET
Oct 22, 2012
PS7902-1A RENESAS-PS7902-1A_15 Datasheet
210Kb / 10P
   4-PIN SMALL FLAT-LEAD, LOW C 횞 R (11.6 pF ??廓) 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7902-1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7904-1A RENESAS-PS7904-1A Datasheet
208Kb / 10P
   4-PIN SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
Oct 22, 2012
logo
California Eastern Labs
PS7804-1A CEL-PS7804-1A Datasheet
182Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7802A-1A NEC-PS7802A-1A Datasheet
93Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7804-1A NEC-PS7804-1A Datasheet
92Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7802A-1A CEL-PS7802A-1A Datasheet
180Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
List of Unclassifed Man...
PS7200K-1A ETC1-PS7200K-1A Datasheet
351Kb / 11P
   4-PIN SOP, 1.1 Ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200E-1A CEL-PS7200E-1A Datasheet
353Kb / 12P
   4-PIN SOP, 0.8 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200K-1A RENESAS-PS7200K-1A Datasheet
261Kb / 15P
   4-PIN SOP, 1.1 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7200E-1A RENESAS-PS7200E-1A Datasheet
260Kb / 16P
   4-PIN SOP, 0.8 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com