Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8551L4-AX Datasheet(PDF) 10 Page - California Eastern Labs

Part # PS8551L4-AX
Description  ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8551L4-AX Datasheet(HTML) 10 Page - California Eastern Labs

Back Button PS8551L4-AX Datasheet HTML 6Page - California Eastern Labs PS8551L4-AX Datasheet HTML 7Page - California Eastern Labs PS8551L4-AX Datasheet HTML 8Page - California Eastern Labs PS8551L4-AX Datasheet HTML 9Page - California Eastern Labs PS8551L4-AX Datasheet HTML 10Page - California Eastern Labs PS8551L4-AX Datasheet HTML 11Page - California Eastern Labs PS8551L4-AX Datasheet HTML 12Page - California Eastern Labs PS8551L4-AX Datasheet HTML 13Page - California Eastern Labs PS8551L4-AX Datasheet HTML 14Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PS8551L4
Chapter Title
7
1
f
o
0
1
e
g
a
P
0
0
.
2
.
v
e
R
0
0
2
0
J
E
9
3
0
0
S
D
8
0
R
Sep 06, 2011
TYPICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
3
2
1
0
1
2
3
4.5
4.755
5.25
5.5
–50
–25
0
25
50
75
100
–50
–25
0
25
50
75
100
0.35
0.3
0.25
0.2
0.15
0.1
0.05
0
Ambient Temperature TA
V
e
g
a
tl
o
V
yl
p
p
u
S
)
C
DD
(V)
Supply Voltage VDD (V)
INPUT OFFSET VOLTAGE vs.
AMBIENT TEMPERATURE
INPUT OFFSET VOLTAGE vs.
SUPPLY VOLTAGE
Ambient Temperature TA (°C)
E
G
A
T
L
O
V
Y
L
P
P
U
S
.s
v
N
I
A
G
E
R
U
T
A
R
E
P
M
E
T
T
N
E
I
B
M
A
.s
v
N
I
A
G
NON-LINEARITY vs.
AMBIENT TEMPERATURE
NON-LINEARITY vs.
SUPPLY VOLTAGE
Supply Voltage VDD (V)
Ambient Temperature TA (°C)
2
1.5
1
0.5
0
0.5
1
1.5
2
8.24
8.2
8.16
8.12
8.08
8.04
8
7.96
7.92
7.88
7.84
7.8
7.76
8.24
8.2
8.16
8.12
8.08
8.04
8
7.96
7.92
7.88
7.84
7.8
7.76
0.35
0.3
0.25
0.2
0.15
0.1
0.05
0
VDD1 = VDD2 = 5 V
VIN+ = −200 mV to +200 mV,
VIN− = 0 V
VDD1 = VDD2 = 5 V
VIN+ = −200 mV to +200 mV,
VIN− = 0 V
VDD1 = VDD2 = 5 V
VIN+ = VIN− = 0 V
VIN+ = VIN− = 0 V
VIN+ = −200 mV to +200 mV,
VIN− = 0 V
VIN+ = −200 mV to +200 mV,
VIN− = 0 V
VDD2
VDD1
VDD1
VDD1
VDD2
VDD2
–50
–25
0
25
50
75
100
4.5
4.755
5.25
5.5
4.5
4.755
5.25
5.5
Remark The graphs indicate nominal characteristics.
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS8551L4-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8551L4-E3 RENESAS-PS8551L4-E3 Datasheet
284Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4-E3 RENESAS-PS8551L4-E3 Datasheet
275Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4-V RENESAS-PS8551L4-V Datasheet
284Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4-V RENESAS-PS8551L4-V Datasheet
275Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4-V-E3 RENESAS-PS8551L4-V-E3 Datasheet
284Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
More results

Similar Description - PS8551L4-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8551AL4 CEL-PS8551AL4 Datasheet
942Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
Renesas Technology Corp
PS8352AL2 RENESAS-PS8352AL2 Datasheet
430Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4_15 RENESAS-PS8551L4_15_15 Datasheet
275Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4 RENESAS-PS8551L4 Datasheet
284Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551AL4 RENESAS-PS8551AL4_15 Datasheet
367Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS9551-L4 CEL-PS9551-L4 Datasheet
201Kb / 11P
   HIGH CMR, DIGITAL OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER (SIGMA-DELTA MODULATOR)
logo
Burr-Brown (TI)
3656 BURR-BROWN-3656 Datasheet
149Kb / 17P
   Transformer Coupled ISOLATION AMPLIFIER
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com