Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9308L2-V-E3-AX Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9308L2-V-E3-AX
Description  2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9308L2-V-E3-AX Datasheet(HTML) 1 Page - California Eastern Labs

  PS9308L2-V-E3-AX Datasheet HTML 1Page - California Eastern Labs PS9308L2-V-E3-AX Datasheet HTML 2Page - California Eastern Labs PS9308L2-V-E3-AX Datasheet HTML 3Page - California Eastern Labs PS9308L2-V-E3-AX Datasheet HTML 4Page - California Eastern Labs PS9308L2-V-E3-AX Datasheet HTML 5Page - California Eastern Labs PS9308L2-V-E3-AX Datasheet HTML 6Page - California Eastern Labs PS9308L2-V-E3-AX Datasheet HTML 7Page - California Eastern Labs PS9308L2-V-E3-AX Datasheet HTML 8Page - California Eastern Labs PS9308L2-V-E3-AX Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
R08DS0048EJ0200 Rev.2.00
Page 1 of 20
Sep 27, 2013
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Preliminary
Data Sheet
PS9308L, PS9308L2
2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
DESCRIPTION
The PS9308L and PS9308L2 are optical coupled isolators containing a GaAlAs LED on the input side and a photo
diode, a signal processing circuit and a power output transistor on the output side on one chip.
The PS9308L and PS9308L2 are in 6-pin plastic SDIP (Shrink Dual In-line Package). The PS9308L2 has 8 mm
creepage distance. The mount area of 6-pin plastic SDIP is half size of 8-pin DIP.
The PS9308L and PS9308L2 are designed specifically for high common mode transient immunity (CMR) and high
switching speed. It is suitable for driving IGBTs and MOS FETs.
The PS9308L is lead bending type (Gull-wing) for surface mounting.
The PS9308L2 is lead bending type for long creepage distance (Gull-wing) for surface mount.
FEATURES
Long creepage distance (8 mm MIN.: PS9308L2)
Half size of 8-pin DIP
Peak output current (2.0 A MAX., 1.0 A MIN.)
High speed switching (tPLH, tPHL = 0.25 μs MAX.)
UVLO (Under Voltage Lock Out) protection with hysteresis
High common mode transient immunity (CMH, CML = ±25 kV/μs MIN.)
Embossed tape product : PS9308L-E3, PS9308L2-E3 : 2 000 pcs/reel
Pb-Free product
Safety standards
UL approved: No. E72422
CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
SEMKO approved (EN 60065, EN 60950)
DIN EN60747-5-5 (VDE0884-5) approved (Option)
APPLICATIONS
IGBT, Power MOS FET Gate Driver
Industrial inverter
IH (Induction Heating)
R08DS0048EJ0200
Rev.2.00
Sep 27, 2013
1. Anode
2. NC
3. Cathode
4. VEE
5. VO
6. VCC
PIN CONNECTION
(Top View)
6
4
1
3
2
5
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9308L2-V-E3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9308L2-V-E3 RENESAS-PS9308L2-V-E3 Datasheet
318Kb / 18P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9308L2-V-E3 RENESAS-PS9308L2-V-E3 Datasheet
346Kb / 22P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9308L2-V-E3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9308L RENESAS-PS9308L Datasheet
318Kb / 18P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9308L RENESAS-PS9308L_15 Datasheet
346Kb / 22P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L RENESAS-PS9306L_15 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL RENESAS-PS9307AL Datasheet
249Kb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
Dec 16, 2021
PS9306L_15 RENESAS-PS9306L_15_15 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9307AL CEL-PS9307AL Datasheet
2Mb / 12P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9331L RENESAS-PS9331L_15 Datasheet
360Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9331L CEL-PS9331L Datasheet
2Mb / 12P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L CEL-PS9307L Datasheet
1Mb / 6P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9307AL RENESAS-PS9307AL_15 Datasheet
372Kb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com