Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9124-V Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS9124-V
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9124-V Datasheet(HTML) 5 Page - California Eastern Labs

  PS9124-V Datasheet HTML 1Page - California Eastern Labs PS9124-V Datasheet HTML 2Page - California Eastern Labs PS9124-V Datasheet HTML 3Page - California Eastern Labs PS9124-V Datasheet HTML 4Page - California Eastern Labs PS9124-V Datasheet HTML 5Page - California Eastern Labs PS9124-V Datasheet HTML 6Page - California Eastern Labs PS9124-V Datasheet HTML 7Page - California Eastern Labs PS9124-V Datasheet HTML 8Page - California Eastern Labs PS9124-V Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
PS9124
Chapter Title
R08DS0049EJ0100 Rev.1.00
Page 5 of 15
Aug 30, 2013
ELECTRICAL CHARACTERISTICS (TA =
−40 to +110°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.3
1.55
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25
°C
10
μA
Terminal Capacitance
Ct
f = 1 MHz, VF = 0 V, TA = 25
°C
30
pF
Detector
High Level Output Current
IOH
VCC = VO = 3.3 V, VF = 0.8 V
1
80
μA
VCC = VO = 5.5 V, VF = 0.8 V
1
100
Low Level Output Voltage
VOL
VCC = 3.3 V, IF = 4.5 mA,
IOL = 13 mA
0.2
0.6
V
VCC = 5.5 V, IF = 4.5 mA,
IOL = 13 mA
High Level Supply Current
ICCH
VCC = 3.3 V, IF = 0 mA,
VO = open
4
7
mA
VCC = 5.5 V, IF = 0 mA,
VO = open
Low Level Supply Current
ICCL
VCC = 3.3 V, IF = 4.5 mA,
VO = open
6
10
mA
VCC = 5.5 V, IF = 4.5 mA,
VO = open
7
10
VCC = 3.3 V, RL = 350
Ω,
VO = 0.8 V
1.0
3.0
Coupled
Threshold Input Voltage
(H
→ L)
IFHL
VCC = 5 V, RL = 350
Ω,
VO = 0.8 V
mA
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25
°C
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25
°C
0.6
pF
Propagation Delay Time
TA = 25
°C
40
75
(H
→ L)
*2
tPHL
VCC = 3.3 V, IF = 4.5 mA,
RL = 350
Ω, CL = 15 pF
100
ns
TA = 25
°C
40
75
VCC = 5 V, IF = 4.5 mA,
RL = 350
Ω, CL = 15 pF
100
Propagation Delay Time
TA = 25
°C
50
75
(L
→ H)
*2
tPLH
VCC = 3.3 V, IF = 4.5 mA,
RL = 350
Ω, CL = 15 pF
100
ns
TA = 25
°C
45
75
VCC = 5 V, IF = 4.5 mA,
RL = 350
Ω, CL = 15 pF
100
Pulse Width Distortion
(PWD)
⏐tPHL-tPLH⏐ VCC = 3.3/5 V, IF = 4.5 mA,
RL = 350
Ω, CL = 15 pF
5
35
ns
Propagation Delay Skew
tpsk
VCC = 3.3/5 V, IF = 4.5 mA,
RL = 350
Ω, CL = 15 pF
40
ns
Rise Time
tr
VCC = 3.3/5 V, IF = 4.5 mA,
RL = 350
Ω, CL = 15 pF
20
ns
Fall Time
tf
VCC = 3.3/5 V, IF = 4.5 mA,
RL = 350
Ω, CL = 15 pF
5
ns
Common Mode
Transient Immunity at
High Level Output
*3
CMH
VCC = 3.3/5 V, TA = 25
°C,
IF = 0 mA, VO > 2 V,
RL = 350
Ω, VCM = 1 kV
10
15
kV/
μs
Common Mode
Transient Immunity at Low
Level Output
*3
CML
VCC = 3.3/5 V, TA = 25
°C,
IF = 4.5 mA, VO < 0.8 V,
RL = 350
Ω, VCM = 1 kV
10
15
kV/
μs
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9124-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9124-V RENESAS-PS9124-V Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9124-V-F3 RENESAS-PS9124-V-F3 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS9124-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9117A CEL-PS9117A Datasheet
404Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
NEC
PS9117A NEC-PS9117A Datasheet
162Kb / 14P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9121-A CEL-PS9121-A Datasheet
287Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
logo
Renesas Technology Corp
PS9121 RENESAS-PS9121_15 Datasheet
301Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
PS9121 RENESAS-PS9121 Datasheet
293Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
PS9122 RENESAS-PS9122 Datasheet
318Kb / 20P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com