Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD2425N5050S2 Datasheet(PDF) 1 Page - Anaren Microwave

Part # PD2425N5050S2
Description  Ultra Low Profile 0404 Power Divider
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

PD2425N5050S2 Datasheet(HTML) 1 Page - Anaren Microwave

  PD2425N5050S2 Datasheet HTML 1Page - Anaren Microwave PD2425N5050S2 Datasheet HTML 2Page - Anaren Microwave PD2425N5050S2 Datasheet HTML 3Page - Anaren Microwave PD2425N5050S2 Datasheet HTML 4Page - Anaren Microwave PD2425N5050S2 Datasheet HTML 5Page - Anaren Microwave PD2425N5050S2 Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Visit us at
www.Anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model PD2425N5050S2
Rev C
Ultra Low Profile 0404 Power Divider
50
to 50
Description
The PD2425N5050S2 is a low profile 1mm square, sub-miniature Wilkinson power
divider in an easy to use surface mount package. The PD2425N5050S2 is ideal for
high volume manufacturing and delivers higher performances than traditional printed
and lumped element solutions. The PD2425N5050S2 is matched to 50
and has a
height profile of 0.6 mm with an LGA interface which is ideal for high level
integrations in module level solutions in the following markets: WiMAX (2.3 - 2.7
GHz), 802.11b, g & n, 2.4 GHz ISM band, Bluetooth (LE), Bluetooth and ZigBee.
The PD2425N5050S2 does not include the resistive element and therefore, requires
an external resistor for operation. The PD2425N5050S2 is available on tape and
reel for high volume manufacturing pick and place.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25°°°°C)
Parameter
Min.
Typ.
Max
Unit
Frequency
2400
2500
MHz
Input Port Impedance
50
Output Port Impedance
50
Return Loss
21
27
dB
Insertion Loss*
0.39
0.46
dB
Amplitude Balance
0.01
0.35
dB
Phase Balance
0.5
1.3
Degrees
Isolation (Output Ports)
20
23
dB
Power Handling
0.5
Watts
Features:
• 2400-2500 MHz
• 23 dB Isolation (output ports)
• Good Return Loss
• 0.6 mm Height Profile
• 50
Input / 50
Outputs
• Low Insertion Loss
• Surface Mountable
• Tape & Reel
• Non-conductive Surface
• RoHS Compliant
• External Resistor Required
• Halogen Free
Operating Temperature
-55
+85
ºC
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC)
.23
.23
1.04±.10
1.04±.10
.62±.05
.33
.33
.50
.50
3x .25
3x .25
1
2
4
3
Bottom View (Far-side)
Side View
Top View (Near-side)
Mechanical Outline
Dimensions are in Millimeters
Tolerances are Non-Cumulative
Input
GND
4
3
Designation
Pin
1
2
Output 1
Output 2
3x .27
3x .27


Similar Part No. - PD2425N5050S2

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
PD2425N5050S2 ANAREN-PD2425N5050S2 Datasheet
4Mb / 5P
   Ultra Low Profile 0404 Power Divider
More results

Similar Description - PD2425N5050S2

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
PD2425N5050S2 ANAREN-PD2425N5050S2 Datasheet
4Mb / 5P
   Ultra Low Profile 0404 Power Divider
BD4859N5050AHF ANAREN-BD4859N5050AHF Datasheet
298Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50100AHF ANAREN-BD4859N50100AHF Datasheet
193Kb / 5P
   Ultra Low Profile 0404 Balun
BD1416N50100AHF ANAREN-BD1416N50100AHF Datasheet
177Kb / 5P
   Ultra Low Profile 0404 Balun
BD2327N50100AHF ANAREN-BD2327N50100AHF Datasheet
159Kb / 5P
   Ultra Low Profile 0404 Balun
BD2425N5075AHF ANAREN-BD2425N5075AHF Datasheet
295Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50150AHF ANAREN-BD4859N50150AHF Datasheet
296Kb / 5P
   Ultra Low Profile 0404 Balun
PD0409J7575S2HF ANAREN-PD0409J7575S2HF Datasheet
351Kb / 5P
   Ultra Low Profile 0805 Power Divider
PD1722J5050S2HF ANAREN-PD1722J5050S2HF Datasheet
343Kb / 6P
   Ultra Low Profile 0805 Power Divider
PD2328J5050S2HF ANAREN-PD2328J5050S2HF Datasheet
222Kb / 6P
   Ultra Low Profile 0805 Power Divider
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com