Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-6373-28A222 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # A-6373-28A222
Description  KK짰 254 Solid Header, Vertical, with Friction Lock, 28 Circuits, Tin (Sn) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-6373-28A222 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  A-6373-28A222 Datasheet HTML 1Page - Molex Electronics Ltd. A-6373-28A222 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 02/25/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
22-23-2281
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 254 Solid Header, Vertical, with Friction Lock, 28 Circuits, Tin (Sn) Plating
Documents:
3D Model
Product Specification PS-10-07 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
6373
Application
Signal, Wire-to-Board
Overview
KK® Interconnect System - Molex
Product Name
KK® 254
UPC
800754934398
Physical
Breakaway
No
Circuits (Loaded)
28
Circuits (maximum)
28
Color - Resin
Natural (White)
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Resin
Nylon
Net Weight
3.273/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.56mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Solder Process Data
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
6373Series
Mates With
2695 , 6471 , 7880 , 4455 , 7720


Similar Part No. - A-6373-28A222

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-6373-28A102 MOLEX2-A-6373-28A102 Datasheet
302Kb / 17P
   2.54mm (.100) Pitch KK짰 Solid Header, Vertical, with Friction Lock, 28 Circuits, Tin (Sn) Plating
More results

Similar Description - A-6373-28A222

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-23-2091 MOLEX11-22-23-2091 Datasheet
54Kb / 2P
   KK짰 254 Solid Header, Vertical, with Friction Lock, 9 Circuits, Tin (Sn) Plating
22-23-2191 MOLEX11-22-23-2191 Datasheet
54Kb / 2P
   KK짰 254 Solid Header, Vertical, with Friction Lock, 19 Circuits, Tin (Sn) Plating
22-23-2221 MOLEX11-22-23-2221 Datasheet
66Kb / 2P
   KK짰 254 Solid Header, Vertical, with Friction Lock, 22 Circuits, Tin (Sn) Plating
22-23-2261 MOLEX11-22-23-2261 Datasheet
54Kb / 2P
   KK짰 254 Solid Header, Vertical, with Friction Lock, 26 Circuits, Tin (Sn) Plating
22-23-2121 MOLEX11-22-23-2121 Datasheet
54Kb / 2P
   KK짰 254 Solid Header, Vertical, with Friction Lock, 12 Circuits, Tin (Sn) Plating
22-23-2181 MOLEX11-22-23-2181 Datasheet
54Kb / 2P
   KK짰 254 Solid Header, Vertical, with Friction Lock, 18 Circuits, Tin (Sn) Plating
22-23-2211 MOLEX11-22-23-2211 Datasheet
54Kb / 2P
   KK짰 254 Solid Header, Vertical, with Friction Lock, 21 Circuits, Tin (Sn) Plating
22-23-2271 MOLEX11-22-23-2271 Datasheet
54Kb / 2P
   KK짰 254 Solid Header, Vertical, with Friction Lock, 27 Circuits, Tin (Sn) Plating
22-23-2031 MOLEX11-22-23-2031 Datasheet
54Kb / 2P
   KK짰 254 Solid Header, Vertical, with Friction Lock, 3 Circuits, Tin (Sn) Plating
22-23-2041 MOLEX11-22-23-2041 Datasheet
54Kb / 2P
   KK짰 254 Solid Header, Vertical, with Friction Lock, 4 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com