Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6283C Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL6283C
Description  3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL6283C Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL6283C Datasheet HTML 1Page - Elantec Semiconductor EL6283C Datasheet HTML 2Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2000 Elantec Semiconductor, Inc.
Features
• Shrink-Small Outline Package
• Voltage-controlled output current
source to 200mA per channel,
requiring one external set resistor
per channel
• Current-controlled output current
source to 200mA per channel
• Rise time = 0.8ns
• Fall time = 0.8ns
• On chip oscillator with frequency
and amplitude control by use of
external resistors to ground
• Oscillator to 500MHz
• Oscillator to 100mA pk/pk
• Single +5V supply (±10%)
• Disable feature for power-up
protection and power savings
• Fast Settling APC Amplifier
Applications
• CD-RW applications
• Writable optical drives
• Laser diode current switching
Ordering Information
Part No
Temp. Range
Package
Outline #
EL6283CU
0°C to +70°C
QSOP-16
MDP0041
General Description
The EL6283C is a high-performance three channel laser driver that
provides controlled current to a grounded laser diode. Write channels
2 and 3 can provide up to 200mA per channel of DC or pulsed current,
with switching speeds of approximately one nanosecond rise/fall time.
All three channels are summed together at the IOUT output, allowing
the user to create multilevel waveforms in order to optimize laser
diode performance. The level of the output current is set by an analog
voltage applied to an external resistor which converts the voltage into
a current at the IIN pin (virtually ground). The current seen at this pin
is then amplified to become a current source at pin IOUT.
An on-chip 500MHz oscillator is provided to allow output current
modulation when in any mode. This is turned on when the OSCEN pin
is held high. Complete control of amplitude and frequency is set by
two external resistors connected to ground at pins RFREQ and RAMP
(see graphs in this data sheet for further explanation).
Output current pulses are enabled when an ‘L’ signal is applied to the
OUTEN pin. No output current flows when OUTEN is ‘H’, and addi-
tional laser diode protection is provided since the OUTEN input will
float high when open. Complete IOUT shut-off is also achieved by
holding the ENABLE pin low, which will override all other control
pins.
The EL6283C also includes a fast settling APC amplifier designed to
interface directly with the front end monitor diode and the sample-
and-hold amplifier for read and write power control. Its 100MHz
bandwidth and 30ns settling time enable up to 16X CD-RW design.
Connection Diagram
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
VREF
VCC
IINR
IOUT
RFREQ
GND
IIN2
ENABLE
IIN3
RAMP
OUTEN3
OSCEN
OUTEN2
VCC
VOUT
PDIN
EL6283C - Product Brief
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier


Similar Part No. - EL6283C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6280C ELANTEC-EL6280C Datasheet
136Kb / 2P
   Dual Laser Driver with APC Amp
EL6280CL ELANTEC-EL6280CL Datasheet
136Kb / 2P
   Dual Laser Driver with APC Amp
EL6280CU ELANTEC-EL6280CU Datasheet
136Kb / 2P
   Dual Laser Driver with APC Amp
EL6281 ELANTEC-EL6281 Datasheet
140Kb / 2P
   4-Channel Laser Driver with APC Amp
EL6281C ELANTEC-EL6281C Datasheet
140Kb / 2P
   4-Channel Laser Driver with APC Amp
More results

Similar Description - EL6283C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6273C ELANTEC-EL6273C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6242C ELANTEC-EL6242C Datasheet
140Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6245C ELANTEC-EL6245C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Intersil Corporation
EL6244 INTERSIL-EL6244 Datasheet
46Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6245 INTERSIL-EL6245 Datasheet
46Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Elantec Semiconductor
EL6244C ELANTEC-EL6244C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Intersil Corporation
EL6173 INTERSIL-EL6173 Datasheet
46Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Elantec Semiconductor
EL6248C ELANTEC-EL6248C Datasheet
136Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6288C ELANTEC-EL6288C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6258C ELANTEC-EL6258C Datasheet
135Kb / 2P
   3-Channel Laser Driver Oscillator APC Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com