Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC2337J5020AHF Datasheet(PDF) 1 Page - Anaren Microwave

Part # DC2337J5020AHF
Description  Ultra Low Profile 0805 20dB Directional Coupler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

DC2337J5020AHF Datasheet(HTML) 1 Page - Anaren Microwave

  DC2337J5020AHF Datasheet HTML 1Page - Anaren Microwave DC2337J5020AHF Datasheet HTML 2Page - Anaren Microwave DC2337J5020AHF Datasheet HTML 3Page - Anaren Microwave DC2337J5020AHF Datasheet HTML 4Page - Anaren Microwave DC2337J5020AHF Datasheet HTML 5Page - Anaren Microwave DC2337J5020AHF Datasheet HTML 6Page - Anaren Microwave DC2337J5020AHF Datasheet HTML 7Page - Anaren Microwave DC2337J5020AHF Datasheet HTML 8Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model DC2337J5020AHF
Rev D
Ultra Low Profile 0805
20dB Directional Coupler
Description
The DC2337J5020AHF is a low cost, low profile sub-miniature high
performance 20 dB directional coupler in an easy to use RoHS compliant, Halogen
Free surface mount package. It is designed for 2300 – 3700MHz applications
including: WiFi, WiMAX, WIBRO, LTE2600, Bluetooth and Low Power Radio
Gateway applications. The DC2337J5020AHF is ideal for power detection, signal
injection and other applications where low insertion loss signal monitoring is required.
The DC2337J5020AHF is available on tape and reel for pick and place high volume
manufacturing. All of the Xinger components are constructed from ceramic filled
PTFE composites which possess excellent electrical and mechanical stability. All
parts have been subjected to rigorous qualification testing and units are 100% RF
tested.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25˚C)
Frequency
(MHz)
Mean Coupling
(dB)
Insertion
loss (dB)
Return
Loss (dB)
Directivity
(dB)
Frequency
Sensitivity
(dB)
Power
Handling
(Watts)
Min
Typ.
Max
Typ.
Max
Typ.
Min
Typ.
Min
Typ.
Max
Max
2300 - 2400
19.2
20.2
21.1
0.09
0.13
21.2
16.9
17.2
11.3
0.07
0.08
2
2400 - 2500
19.1
20.1
21
0.09
0.13
20.9
16.6
17.2
11.7
0.06
0.06
2
2630-2655
19
19.9
20.9
0.09
0.14
20.4
16.2
18.7
12.6
0.01
0.01
2
Features:
2300 – 3700 MHz
Mean Coupling 20dB
0.56mm Height Profile
Ultra Low Insertion
Loss
Surface Mountable
Tape & Reel
RoHS Compliant
Halogen Free
-55°°°°C to 85°°°°C
3300-3700
19.1
21.3
22.9
0.14
0.21
21.2
16.3
14.9
9.7
0.52
0.71
2
**Specification based on performance of unit properly installed on microstrip printed circuit boards with 50
nominal impedance.
Outline Drawing
Mechanical Outline
-Dimensions are in Millimeters
2.04±0.10
1.29±0.10
0.55±0.06
1
2
3
6
5
6x
0.30
6x
0.22
4x 0.65
6x 0.98
Orientation Marker
Denotes Pin Location
4
Orientation Marker
Denotes Pin Location
TOP VIEW
SIDE VIEW
BOTTOM VIEW
5
4
2
1
6
3
Pin
Gnd
Coupled
Input
Gnd
Isolated
Direct
2x 0.15
4x 0.37
Gnd
Isolated
Direct
Gnd
Coupled
Input
Configuration-1 Configuration-2


Similar Part No. - DC2337J5020AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
DC2337J5010AHF ANAREN-DC2337J5010AHF Datasheet
255Kb / 8P
   Ultra Low Profile 0805 10dB Directional Coupler
More results

Similar Description - DC2337J5020AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
DC1722J5020AHF ANAREN-DC1722J5020AHF Datasheet
246Kb / 8P
   Ultra Low Profile 0805 20dB Directional Coupler
DC4759J5020AHF ANAREN-DC4759J5020AHF Datasheet
249Kb / 8P
   Ultra Low Profile 0805 20dB Directional Coupler
DC0710J5020AHF ANAREN-DC0710J5020AHF Datasheet
240Kb / 8P
   Ultra Low Profile 0805 20dB Directional Coupler
DC2337J5010AHF ANAREN-DC2337J5010AHF Datasheet
255Kb / 8P
   Ultra Low Profile 0805 10dB Directional Coupler
DC1722J5010AHF ANAREN-DC1722J5010AHF Datasheet
247Kb / 8P
   Ultra Low Profile 0805 10dB Directional Coupler
DC0710J5010AHF ANAREN-DC0710J5010AHF Datasheet
251Kb / 8P
   Ultra Low Profile 0805 10dB Directional Coupler
DC1722J5015AHF ANAREN-DC1722J5015AHF Datasheet
252Kb / 8P
   Ultra Low Profile 0805 15dB Directional Coupler
XC3500P-20S ANAREN-XC3500P-20S Datasheet
608Kb / 22P
   20dB Directional Coupler
X3C30F1-20S ANAREN-X3C30F1-20S Datasheet
1Mb / 18P
   Directional Coupler 20dB
XC1500A-20S ANAREN-XC1500A-20S_14 Datasheet
560Kb / 23P
   20dB Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com