Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC2337J5010AHF Datasheet(PDF) 7 Page - Anaren Microwave

Part # DC2337J5010AHF
Description  Ultra Low Profile 0805 10dB Directional Coupler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

DC2337J5010AHF Datasheet(HTML) 7 Page - Anaren Microwave

  DC2337J5010AHF Datasheet HTML 1Page - Anaren Microwave DC2337J5010AHF Datasheet HTML 2Page - Anaren Microwave DC2337J5010AHF Datasheet HTML 3Page - Anaren Microwave DC2337J5010AHF Datasheet HTML 4Page - Anaren Microwave DC2337J5010AHF Datasheet HTML 5Page - Anaren Microwave DC2337J5010AHF Datasheet HTML 6Page - Anaren Microwave DC2337J5010AHF Datasheet HTML 7Page - Anaren Microwave DC2337J5010AHF Datasheet HTML 8Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model DC2337J5010AHF
Rev B
Packaging and Ordering Information
Parts are available in reel and are packaged per EIA 481-2. Parts are oriented in tape and reel as shown below.
Minimum order quantities are 4000 per reel. See Model Numbers below for further ordering information
.
1.75
3.50
4.00
1.60
.81
8.00
4.00
2.00
.25
2.41


Similar Part No. - DC2337J5010AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
DC2337J5020AHF ANAREN-DC2337J5020AHF Datasheet
249Kb / 8P
   Ultra Low Profile 0805 20dB Directional Coupler
More results

Similar Description - DC2337J5010AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
DC0710J5010AHF ANAREN-DC0710J5010AHF Datasheet
251Kb / 8P
   Ultra Low Profile 0805 10dB Directional Coupler
DC1722J5010AHF ANAREN-DC1722J5010AHF Datasheet
247Kb / 8P
   Ultra Low Profile 0805 10dB Directional Coupler
DC1722J5020AHF ANAREN-DC1722J5020AHF Datasheet
246Kb / 8P
   Ultra Low Profile 0805 20dB Directional Coupler
DC0710J5020AHF ANAREN-DC0710J5020AHF Datasheet
240Kb / 8P
   Ultra Low Profile 0805 20dB Directional Coupler
DC2337J5020AHF ANAREN-DC2337J5020AHF Datasheet
249Kb / 8P
   Ultra Low Profile 0805 20dB Directional Coupler
DC4759J5020AHF ANAREN-DC4759J5020AHF Datasheet
249Kb / 8P
   Ultra Low Profile 0805 20dB Directional Coupler
DC1722J5015AHF ANAREN-DC1722J5015AHF Datasheet
252Kb / 8P
   Ultra Low Profile 0805 15dB Directional Coupler
1P510S ANAREN-1P510S Datasheet
508Kb / 4P
   Pico Xinger 10dB Directional Coupler
1M810 ANAREN-1M810 Datasheet
126Kb / 3P
   Micro Xinger 10dB Directional Coupler
1P610S ANAREN-1P610S Datasheet
513Kb / 4P
   Pico Xinger 10dB Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com