Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9661L-A Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS9661L-A
Description  NECs HIGH NOISE REDUCTION 25 Mbps CMOS OUTPUT TYPE 8-PIN DIP OPTOCOUPLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9661L-A Datasheet(HTML) 3 Page - California Eastern Labs

  PS9661L-A Datasheet HTML 1Page - California Eastern Labs PS9661L-A Datasheet HTML 2Page - California Eastern Labs PS9661L-A Datasheet HTML 3Page - California Eastern Labs PS9661L-A Datasheet HTML 4Page - California Eastern Labs PS9661L-A Datasheet HTML 5Page - California Eastern Labs PS9661L-A Datasheet HTML 6Page - California Eastern Labs PS9661L-A Datasheet HTML 7Page - California Eastern Labs PS9661L-A Datasheet HTML 8Page - California Eastern Labs PS9661L-A Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PS9661, PS9661L
MARKING EXAMPLE
PS9661
M301
No. 1 pin
Mark
M
Week Assembled
Year Assembled
(Last 1 Digit)
Rank Code
3 01
Country Assembled
Type Number
Assembly Lot
Preliminary Data Sheet


Similar Part No. - PS9661L-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS9661L-E3 NEC-PS9661L-E3 Datasheet
2Mb / 8P
   NECs HIGH NOISE REDUCTION 25 Mbps CMOS OUTPUT TYPE 8-PIN DIP OPTOCOUPLER
PS9661L-E4 NEC-PS9661L-E4 Datasheet
2Mb / 8P
   NECs HIGH NOISE REDUCTION 25 Mbps CMOS OUTPUT TYPE 8-PIN DIP OPTOCOUPLER
More results

Similar Description - PS9661L-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS9661 NEC-PS9661 Datasheet
2Mb / 8P
   NECs HIGH NOISE REDUCTION 25 Mbps CMOS OUTPUT TYPE 8-PIN DIP OPTOCOUPLER
logo
California Eastern Labs
PS9614 CEL-PS9614 Datasheet
216Kb / 7P
   NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER
logo
NEC
PS9614 NEC-PS9614 Datasheet
130Kb / 7P
   NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER
logo
California Eastern Labs
PS9851-1 CEL-PS9851-1 Datasheet
394Kb / 13P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
logo
NEC
PS9851-1 NEC-PS9851-1 Datasheet
91Kb / 10P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
   NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS9611 NEC-PS9611 Datasheet
82Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9611 CEL-PS9611 Datasheet
414Kb / 12P
   HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9851-1 RENESAS-PS9851-1_15 Datasheet
278Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9351L CEL-PS9351L Datasheet
737Kb / 8P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com