Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2747TB Datasheet(PDF) 10 Page - California Eastern Labs

Part # UPC2747TB
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC2747TB Datasheet(HTML) 10 Page - California Eastern Labs

Back Button UPC2747TB Datasheet HTML 6Page - California Eastern Labs UPC2747TB Datasheet HTML 7Page - California Eastern Labs UPC2747TB Datasheet HTML 8Page - California Eastern Labs UPC2747TB Datasheet HTML 9Page - California Eastern Labs UPC2747TB Datasheet HTML 10Page - California Eastern Labs UPC2747TB Datasheet HTML 11Page - California Eastern Labs UPC2747TB Datasheet HTML 12Page - California Eastern Labs UPC2747TB Datasheet HTML 13Page - California Eastern Labs UPC2747TB Datasheet HTML 14Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet PU10443EJ1V0DS
10
PC2745TB,PC2746TB
SMITH CHART (TA = +25
C, VCC = 3.0 V)
PC2745TB 
S11-FREQUENCY
S22-FREQUENCY


Similar Part No. - UPC2747TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2747TB NEC-UPC2747TB Datasheet
119Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
logo
California Eastern Labs
UPC2747TB CEL-UPC2747TB Datasheet
240Kb / 9P
   3 V, SUPER MINIMOLD 900 MHz Si MMIC AMPLIFIER
UPC2747TB CEL-UPC2747TB Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC2747TB RENESAS-UPC2747TB Datasheet
243Kb / 21P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2002
logo
NEC
UPC2747TB-E3 NEC-UPC2747TB-E3 Datasheet
119Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
More results

Similar Description - UPC2747TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com