Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2747TB Datasheet(PDF) 1 Page - California Eastern Labs

Part # UPC2747TB
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC2747TB Datasheet(HTML) 1 Page - California Eastern Labs

  UPC2747TB Datasheet HTML 1Page - California Eastern Labs UPC2747TB Datasheet HTML 2Page - California Eastern Labs UPC2747TB Datasheet HTML 3Page - California Eastern Labs UPC2747TB Datasheet HTML 4Page - California Eastern Labs UPC2747TB Datasheet HTML 5Page - California Eastern Labs UPC2747TB Datasheet HTML 6Page - California Eastern Labs UPC2747TB Datasheet HTML 7Page - California Eastern Labs UPC2747TB Datasheet HTML 8Page - California Eastern Labs UPC2747TB Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Caution
: Observe precautions when handling because these devices are sensitive to electrostatic discharge.
3 V, SUPER MINIMOLD SILICON MMIC
WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
BIPOLAR ANALOG INTEGRATED CIRCUIT
PC2745TB,PC2746TB
The mark  shows major revised points.
Document No. PU10443EJ01V0DS (1st edition)
(Previous No. P11511EJ3V0DS00)
Date Published November 2003 CP(K)
DESCRIPTION
The
PC2745TB and PC2746TB are silicon monolithic integrated circuits designed as buffer amplifier for mobile
communications. These low current amplifiers operate on 3.0 V (1.8 V MIN.).
These ICs are manufactured using our 20 GHz fT NESATIII silicon bipolar process. This process uses silicon
nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution and
prevent corrosion/migration. Thus, these IC have excellent performance, uniformity and reliability.
FEATURES
• Supply voltage
: Recommended VCC = 2.7 to 3.3 V
Circuit operation VCC = 1.8 to 3.3 V
• Upper limit operating frequency :
PC2745TB; fu = 2.7 GHz TYP.@3 dB bandwidth
PC2746TB; fu = 1.5 GHz TYP.@3 dB bandwidth
• High isolation
:
PC2745TB; ISL = 38 dB TYP.@f = 500 MHz
PC2746TB; ISL = 45 dB TYP.@f = 500 MHz
• Power gain
:
PC2745TB; GP = 12 dB TYP.@f = 500 MHz
PC2746TB; GP = 19 dB TYP.@f = 500 MHz
• Saturated output power
:
PC2745TB; PO(sat) = 1 dBm TYP.@f = 500 MHz
PC2746TB; PO(sat) = 0 dBm TYP.@f = 500 MHz
• High-density surface mounting : 6-pin super minimold package (2.0
 1.25  0.9 mm)
APPLICATIONS
• 1.5 GHz to 2.5 GHz communication system :
PC2745TB
• 800 MHz to 900 MHz communication system :
PC2746TB
ORDERING INFORMATION
Part Number
Package
Marking
Supplying Form
PC2745TB-E3-A
6-pin super minimold
C1Q
• Embossed tape 8 mm wide
• 1, 2, 3 pins face the perforation side of the tape
• Qty 3 kpcs/reel
PC2746TB-E3-A
C1R
Remark
To order evaluation samples, contact your nearby sales office.
Part number for sample order:
PC2745TB-A, PC2746TB-A


Similar Part No. - UPC2747TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2747TB NEC-UPC2747TB Datasheet
119Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
logo
California Eastern Labs
UPC2747TB CEL-UPC2747TB Datasheet
240Kb / 9P
   3 V, SUPER MINIMOLD 900 MHz Si MMIC AMPLIFIER
UPC2747TB CEL-UPC2747TB Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC2747TB RENESAS-UPC2747TB Datasheet
243Kb / 21P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2002
logo
NEC
UPC2747TB-E3 NEC-UPC2747TB-E3 Datasheet
119Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
More results

Similar Description - UPC2747TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com