Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLR-343MCT32 Datasheet(PDF) 1 Page - Rohm

Part # SLR-343MCT32
Description  Viewing angle 20 1/2 40
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-343MCT32 Datasheet(HTML) 1 Page - Rohm

  SLR-343MCT32 Datasheet HTML 1Page - Rohm SLR-343MCT32 Datasheet HTML 2Page - Rohm SLR-343MCT32 Datasheet HTML 3Page - Rohm SLR-343MCT32 Datasheet HTML 4Page - Rohm SLR-343MCT32 Datasheet HTML 5Page - Rohm SLR-343MCT32 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
2.5 or 5.0
2.0
1.0 ±0.1
(2.5)
Cathode
φ3.8
φ3.1
□0.4
(unit : mm)
Tolerance :
±0.2
(unit : mm)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
050
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
050
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
SLR-343 Series
SLR343BC7T / SLR343WBC7T
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
SLR343BCT / ECT / BC4T / EC4T
Directivity (deg)
RELATIVE INTENSITY (%)
Viewing angle 2
θ 1/2 /
40 : Standard
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta
=25℃)
Electrical and Optical Characteristics (Ta
=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(
℃)
Storage
Temperature
Tstg(
℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength Luminous Intensity IV
Typ.
(V)
IF(mA)
Max.
(
μA)
VR(V)
λD
Typ.(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd) I
F
(mA)
SLR-343VR
GaAsP
on GaP
Red
60
20
60*1
3
-25 to +85
-30 to +100
2.0
10
10
3
630
10
5.6
16
10
SLR-343VC
9.0
25
SLR-343DU
Orange
605
5.6
16
SLR-343DC
9.0
25
SLR-343YY
Yellow
2.1
587
3.6
10
SLR-343YC
5.6
16
SLR-343MG
GaP
Green
75
25
572
SLR-343MC
9.0
25
SLR-343PG
560
2.2
6.3
SLR-343PC
SLR343ECT
InGaN
Bluish
Green
120
30
100*2
5
-20 to +80
-30 to +100
3.3
20
100
5
527
20
900
2200
20
SLR343EC4T
3.2
525
420
1500
SLR343BCT
Blue
120
30
3.3
470
200
600
SLR343BC7T
105
25
3.2
220
470
SLR343BC4T
120
30
200
SLR343WBC7T
White
105
25
(x, y)
(0.31, 0.31)
330
680
Diffused
Clear
SLR343BCT / ECT
SLR343BC4T / EC4T
SLR343BC7T
SLR343WBC7T
*1:Duty1/5, 200Hz, *2:Duty1/10, 1kHz
Specifications
Dimensions
Recommended Solder Pattern
Viewing Angle
Features
・Viewing angle 2θ 1/2 : 40°
・Competent to direct mount
Color
Type
V
D
Y
M
P
E
B
WB
SLR-343 Series
1/4
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2013.04 - Rev.D


Similar Part No. - SLR-343MCT32

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-343MC ROHM-SLR-343MC Datasheet
247Kb / 3P
   STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLR-343MC ROHM-SLR-343MC Datasheet
54Kb / 6P
   Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
SLR-343MC ROHM-SLR-343MC Datasheet
164Kb / 5P
   Competent to direct mount
SLR-343MC ROHM-SLR-343MC Datasheet
176Kb / 5P
   SLR-343 Series
SLR-343MC ROHM-SLR-343MC Datasheet
164Kb / 5P
   Electrical Characteristics Curves
More results

Similar Description - SLR-343MCT32

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-56VC3F ROHM-SLR-56VC3F Datasheet
1Mb / 8P
   Viewing angle 20 1/2 40
SLI-343UR3F ROHM-SLI-343UR3F Datasheet
139Kb / 4P
   Viewing angle 20 1/2 40
SLR-342MG3F ROHM-SLR-342MG3F Datasheet
878Kb / 4P
   Viewing angle 20 1/2 40
SLR-56MGT32 ROHM-SLR-56MGT32 Datasheet
899Kb / 4P
   Viewing angle 20 1/2 40
SLR-342VRT32 ROHM-SLR-342VRT32 Datasheet
810Kb / 5P
   Viewing angle 20 1/2 40
SLI-343D8U3F ROHM-SLI-343D8U3F Datasheet
145Kb / 4P
   Viewing angle 2 1/2 40
SLR-56MC3F ROHM-SLR-56MC3F Datasheet
899Kb / 4P
   Viewing angle 2 1/2 : 40
SLR-342 ROHM-SLR-342_10 Datasheet
878Kb / 4P
   Viewing angle 2 1/2 : 40 Series
SLR-325VC ROHM-SLR-325VC Datasheet
122Kb / 3P
   Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLI-570U2T ROHM-SLI-570U2T Datasheet
129Kb / 3P
   Viewing angle 2 1/2 : 20 (SLI-570 Series) Viewing angle 2 1/2 : 25 (SLA-570 Series)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com