Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPDCC0009 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0009
Description  Low Cost Four-Way GMIC SMT Power Divider
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0009 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0009 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0009 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0009 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPDCC0009 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Cost Four-Way GMIC SMT Power Divider
824 – 960 MHz
Rev. V2
MAPDCC0009
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = +25°C, Z0 = 50Ω
Parameter
Units
Min
Typ
Max
Insertion Loss Above 6.0 dB
dB
0.8
1.1
Isolation
dB
20
24
VSWR
Input
Output
1.4:1
1.25:1
1.7:1
1.5:1
Amplitude Balance
dB
0.3
0.6
Phase Balance
°
3
6
Recommended PCB Configuration
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power
4
1W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
3.
M/A-COM does not recommend sustained operation near
these survivability limits.
4.
With internal load dissipation of 0.125 W maximum.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
GMIC
Circuits
are
sensitive
to
electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these devices.
RF OUT
RF OUT
RF OUT
RF IN
PLATED THRU
PLATED THRU
RF OUT
.244
.072
.000
.030
TYP.
.016
12X °
.050
2X °


Similar Part No. - MAPDCC0009

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0009 MA-COM-MAPDCC0009 Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0009 MA-COM-MAPDCC0009 Datasheet
605Kb / 5P
   Low Cost Four-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0009-TB MA-COM-MAPDCC0009-TB Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0009-TB MA-COM-MAPDCC0009-TB Datasheet
605Kb / 5P
   Low Cost Four-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0009-TR MA-COM-MAPDCC0009-TR Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
More results

Similar Description - MAPDCC0009

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
78Kb / 3P
   Low Cost Eight-Way GMIC SMT Power Divider
MAPDCC0006 MA-COM-MAPDCC0006 Datasheet
94Kb / 3P
   Low Cost Three-Way GMIC SMT Power Divider
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
logo
Tyco Electronics
DS54-0005 MACOM-DS54-0005 Datasheet
45Kb / 2P
   Low Cost Four-Way GMIC SMT Power Divider 824 . 960 MHz
logo
M/A-COM Technology Solu...
DS54-0005 MA-COM-DS54-0005 Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0009 MA-COM-MAPDCC0009 Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0009 MA-COM-MAPDCC0009_15 Datasheet
605Kb / 5P
   Low Cost Four-Way GMIC SMT Power Divider 824 ??960 MHz
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
   Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0006 MA-COM-MAPDCC0006_15 Datasheet
667Kb / 4P
   Low Cost Three-Way GMIC SMT Power Divider
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com