Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPD-010038-C209C0 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAPD-010038-C209C0
Description  2 Way 0쨘 Power Divider
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPD-010038-C209C0 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAPD-010038-C209C0 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPD-010038-C209C0 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPD-010038-C209C0 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPD-010038-C209C0 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
2 Way 0º Power Divider
5 to 1000 MHz
MAPD-010038-C209C0
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
Rev. V1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Features
Surface Mount
2 way 0 degree
260°C Reflow Compatible
RoHS* Compliant
Available on Tape and Reel.
Description
M/A-COM Technology Solutions MAPD-010038-
C209C0 is a 2 way 0 degree RF power divider in a
low cost, surface mount package. Ideally suited for
high volume CATV/VSAT applications.
Schematic
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin Configuration
Case Style:
Dimensions in mm Tolerance: .xx ± .1, .xxx ± .010, unless other-
wise stated
Pin No.
Function
1
Input
2
External 0.5pF Capacitor
3
Output Port 1
4
Output Port 2
5
External 0.5pF Capacitor
6
Ground


Similar Part No. - MAPD-010038-C209C0

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-010038-C209C0 MA-COM-MAPD-010038-C209C0 Datasheet
190Kb / 4P
   2 Way Power Divider
MAPD-010038-C209C0 MA-COM-MAPD-010038-C209C0 Datasheet
684Kb / 5P
   Available on tape and reel
MAPD-010038-C209C0 MA-COM-MAPD-010038-C209C0_15 Datasheet
684Kb / 5P
   Available on tape and reel
More results

Similar Description - MAPD-010038-C209C0

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
   2 Way 0쨘 Power Divider
MAPD-010281-C2W024 MA-COM-MAPD-010281-C2W024_15 Datasheet
155Kb / 4P
   2 Way 0쨘 Power Divider
MACPES0045 MA-COM-MACPES0045 Datasheet
96Kb / 4P
   2 Way 0쨘 Power Divider
MAPDCT0027 MA-COM-MAPDCT0027 Datasheet
128Kb / 4P
   2 Way 0쨘 Power Divider
MAPD-009673-C2DA40 MA-COM-MAPD-009673-C2DA40 Datasheet
137Kb / 3P
   2 Way 0쨘 Power Divider
MAPD-007874-C20960 MA-COM-MAPD-007874-C20960 Datasheet
98Kb / 4P
   2 Way 0쨘 Power Divider
MAPD-010047-C2W24M MA-COM-MAPD-010047-C2W24M Datasheet
161Kb / 4P
   2 Way 0쨘 Power Divider
MAPDCT0026 MA-COM-MAPDCT0026 Datasheet
106Kb / 3P
   2 Way 0쨘 Power Divider
MAPD-010047-C2W24M MA-COM-MAPD-010047-C2W24M_15 Datasheet
161Kb / 4P
   2 Way 0쨘 Power Divider
DS-MAPD-009918-C209C0_V2 MA-COM-DS-MAPD-009918-C209C0_V2 Datasheet
170Kb / 4P
   2 Way 0쨘 Power Divider
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com