Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8209ABY-I8T1U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8209ABY-I8T1U
Description  BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8209ABY-I8T1U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8209ABY-I8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8209ABY-I8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8209ABY-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8209ABY-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8209ABY-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8209ABY-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8209ABY-I8T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8209ABY-I8T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8209ABY-I8T1U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
S-8209A Series
Rev.3.4_00
Seiko Instruments Inc.
8
Absolute Maximum Ratings
Table 6
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Applied pin
Absolute Maximum Rating
Unit
Input voltage
between VDD pin and VSS pin
VDS
VDD
VSS
− 0.3 to VSS + 12
V
CB pin output voltage
VCB
CB
VSS
− 0.3 to VDD + 0.3
V
CDT pin voltage
VCDT
CDT
VSS
− 0.3 to VDD + 0.3
V
DO pin output voltage
VDO
DO
VSS
− 0.3 to VSS + 24
V
CO pin output voltage
VCO
CO
VSS
− 0.3 to VSS + 24
V
CTLC pin input voltage
VCTLC
CTLC
VDD
− 24 to VDD + 0.3
V
CTLD pin input voltage
VCTLD
CTLD
VDD
− 24 to VDD + 0.3
V
Power dissipation
8-Pin TSSOP
PD
700
*1
mW
SNT-8A
450
*1
mW
Operation ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−55 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
800
400
0
8-Pin TSSOP
200
600
SNT-8A
Ambient Temperature (Ta) [
°C]
Figure 6 Power Dissipation of Package (When mounted on board)


Similar Part No. - S-8209ABY-I8T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8209ABY-I8T1U ABLIC-S-8209ABY-I8T1U Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
More results

Similar Description - S-8209ABY-I8T1U

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B Datasheet
250Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82T1A ABLIC-S-82T1A Datasheet
692Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com