Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPD-008109-C30040 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAPD-008109-C30040
Description  E-Series 3-Way 0째 Power Divider
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPD-008109-C30040 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAPD-008109-C30040 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPD-008109-C30040 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPD-008109-C30040 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
E-Series 3-Way 0° Power Divider
5-200 MHz
M/A-COM Products
Release - Rev. V3
MAPD-008109-C30040
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.4155721
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
Surface Mount
75 Ohms
RoHS Compliant
RoHS version of ESSM-3-1-75
Description
M/A-COM’s MAPD-008109-C30040 is a 3 Way 0
o
Power Divider in a low cost, surface mount package.
Ideally suited for high volume CATV applications.
Function
Pin No.
Ground
2,3,6,7
Output Port 1
1
Output Port 2
4
Output Port 3
5
Input
8
Case Style: SM-4
Dimensions in inches [mm].
Tolerance where not specified: .xx ± .02, .xxx ± .010
Part Number
Package
MAPD-008109-C30040
500 piece reel
MAPD-008109-C300TB
Customer Test Board
Pin Configuration
Ordering Information
Schematic


Similar Part No. - MAPD-008109-C30040

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-008109-C30040 MA-COM-MAPD-008109-C30040 Datasheet
98Kb / 3P
   E-Series 3-Way Power Divider 5-200 MHz
MAPD-008109-C30040 MA-COM-MAPD-008109-C30040_15 Datasheet
98Kb / 3P
   3-Way Power Divider
More results

Similar Description - MAPD-008109-C30040

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-008812-0003HW-V2 MA-COM-MAPD-008812-0003HW-V2 Datasheet
383Kb / 4P
   E-Series 3-Way 0째 Power Divider
MAPD-007246-ES4700 MA-COM-MAPD-007246-ES4700 Datasheet
60Kb / 2P
   E-Series 4-Way 0째 Power Divider
MAPD-007249-ESML21 MA-COM-MAPD-007249-ESML21 Datasheet
50Kb / 2P
   E-Series 2-Way 0째 Power Divider
MAPD-008072-ESSM26 MA-COM-MAPD-008072-ESSM26 Datasheet
69Kb / 3P
   E-Series 2-Way 0째 Power Divider
MAPD-009278-5T1000 MA-COM-MAPD-009278-5T1000 Datasheet
126Kb / 2P
   E-Series RF 2-Way 0째 Power Divider
MAPD-008108-C202C0 MA-COM-MAPD-008108-C202C0 Datasheet
130Kb / 3P
   2-Way 0째 Power Divider
MAPD-010638-C2WSOT-V4 MA-COM-MAPD-010638-C2WSOT-V4 Datasheet
374Kb / 4P
   2 way 0째 Power Divider
MAPD-010638-C2WSOT MA-COM-MAPD-010638-C2WSOT_15 Datasheet
374Kb / 4P
   2 way 0째 Power Divider
MAPD-011007-V2 MA-COM-MAPD-011007-V2 Datasheet
776Kb / 4P
   2 way 0째 Power Divider
MAPD-009278-5T1000 MA-COM-MAPD-009278-5T1000_15 Datasheet
126Kb / 2P
   RF 2-Way 0째 Power Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com