Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4972DY Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI4972DY
Description  Dual N-Channel 30-V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4972DY Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI4972DY Datasheet HTML 3Page - Vishay Siliconix SI4972DY Datasheet HTML 4Page - Vishay Siliconix SI4972DY Datasheet HTML 5Page - Vishay Siliconix SI4972DY Datasheet HTML 6Page - Vishay Siliconix SI4972DY Datasheet HTML 7Page - Vishay Siliconix SI4972DY Datasheet HTML 8Page - Vishay Siliconix SI4972DY Datasheet HTML 9Page - Vishay Siliconix SI4972DY Datasheet HTML 10Page - Vishay Siliconix SI4972DY Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Vishay Siliconix
Si4972DY
Document Number: 73849
S09-0138-Rev. D, 02-Feb-09
www.vishay.com
7
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Normalized Thermal Transient Impedance, Junction-to-Ambient (Ch 1)
0.2
10-3
10-2
10
10-1
10-4
100
0.02
Square Wave Pulse Duration (s)
Single Pulse
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 120 °C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
4. Surface Mounted
0.001
0.01
0.1
1
Duty Cycle = 0.5
1000
1
0.05
0.1
0.5
Normalized Thermal Transient Impedance, Junction-to-Case (Ch 1)
10-3
10-2
1
10
10-1
10-4
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1
0.1
0.01


Similar Part No. - SI4972DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4972DY VISHAY-SI4972DY Datasheet
146Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4972DY VISHAY-SI4972DY_V01 Datasheet
146Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4972DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com