Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6252C Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL6252C
Description  2-Channel laser diode Driver Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL6252C Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL6252C Datasheet HTML 1Page - Elantec Semiconductor EL6252C Datasheet HTML 2Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2000 Elantec Semiconductor, Inc.
North America: 1-888-352-6832 X 311
Asia: +85-45-682-5820
Europe: +44-18-977-6020
Complete Product Specifications
Elantec Technical Support:
Features
• Mini-Small Package Outline
• Voltage-controlled output current
source requiring one external set
resistor per channel
• Current-controlled output current
source.
• Rise time = 1.0 ns
• Fall time = 1.1 ns
• On chip oscillator with frequency
and amplitude control by use of
external resistors to ground
• Oscillator to 500 MHz
• Oscillator to 100 mA pk/pk
• Single +5V supply (±10%)
• Current amplification = 100
• CMOS control signals
Applications
• MO drives
• Mini-Disc drives
• Writable optical drives
• Laser diode current switching
Ordering Information
Part No
Temp. Range
Package
Outline #
EL6252CY
0°C to +70°C
MSOP10
MDP0043
EL6252C
- Product Brief
2-Channel laser diode Driver + Oscillator
General Description
The EL6252C is a high-performance two channel laser diode current
amplifier that provides controlled current to a grounded laser diode.
The write amplifier can provide over 200mA of DC or pulsed current.
The R and W channels have switching speeds of approximately one
nanosecond rise/fall time and are summed together at the IOUT output.
The level of the output current is set by an analog voltage applied to an
external resistor which converts the voltage into a current at the IIN pin
(virtually ground). The current seen at this pin is then amplified by
100X to become a current source at pin IOUT.
An on-chip 500 MHz oscillator is provided to allow current modula-
tion when in the read mode. This is turned on when the OSCEN pin is
held high (floating not recommended). Complete control of amplitude
and frequency is set by two external resistors connected to ground at
pins RFREQ and RAMP (see graphs in this data sheet for further
explanation).
Write current pulses appear when an ‘L’ signal is applied to the OUT-
ENW pin.
The external resistors allow the user to accurately and independently
set each amplifier transconductance by applying a voltage to each
resistor, without restriction on the voltage range, thus ensuring broad
voltage DAC compatibility. Alternatively, the IIN pin can be biased
from a current DAC or other current source.
Connection Diagram
1
2
3
4
10
9
8
7
5
6
VCC
IOUT
GND
RAMP
VCC
IINR
IINW
RFREQ
OUTENW
OSCEN


Similar Part No. - EL6252C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6250C ELANTEC-EL6250C Datasheet
134Kb / 2P
   Split Supply Laser Driver and Oscillator
EL6250CU ELANTEC-EL6250CU Datasheet
134Kb / 2P
   Split Supply Laser Driver and Oscillator
EL6253 ELANTEC-EL6253 Datasheet
133Kb / 2P
   3-Channel Laser Diode Driver Oscillator
EL6253C ELANTEC-EL6253C Datasheet
133Kb / 2P
   3-Channel Laser Diode Driver Oscillator
EL6253CU ELANTEC-EL6253CU Datasheet
133Kb / 2P
   3-Channel Laser Diode Driver Oscillator
More results

Similar Description - EL6252C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6255C ELANTEC-EL6255C Datasheet
133Kb / 2P
   4-Channel Laser Diode Driver Oscillator
logo
Intersil Corporation
EL6146 INTERSIL-EL6146 Datasheet
23Kb / 2P
   4-Channel Laser Diode Driver Oscillator
logo
Elantec Semiconductor
EL6253C ELANTEC-EL6253C Datasheet
133Kb / 2P
   3-Channel Laser Diode Driver Oscillator
EL6275C ELANTEC-EL6275C Datasheet
136Kb / 2P
   4-Channel Laser Diode Driver Oscillator
EL6257C ELANTEC-EL6257C Datasheet
134Kb / 2P
   4-Channel Laser Diode Driver Oscillator
logo
Intersil Corporation
EL6211 INTERSIL-EL6211 Datasheet
23Kb / 2P
   3-Channel Laser Diode Driver Oscillator
EL6215 INTERSIL-EL6215 Datasheet
94Kb / 2P
   3-Channel Laser Diode Driver Oscillator
EL6216 INTERSIL-EL6216 Datasheet
22Kb / 2P
   3-Channel Laser Diode Driver Oscillator
logo
Elantec Semiconductor
EL6277C ELANTEC-EL6277C Datasheet
40Kb / 2P
   3-Channel Laser Diode Driver Oscillator
logo
Intersil Corporation
EL6119 INTERSIL-EL6119 Datasheet
23Kb / 2P
   Dual 4-Channel Laser Diode Driver Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com