Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD100F-2018 Datasheet(PDF) 8 Page - Tyco Electronics

Part # SMD100F-2018
Description  PolySwitch Resettable Devices Surface-mount Devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMD100F-2018 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button SMD100F-2018 Datasheet HTML 4Page - Tyco Electronics SMD100F-2018 Datasheet HTML 5Page - Tyco Electronics SMD100F-2018 Datasheet HTML 6Page - Tyco Electronics SMD100F-2018 Datasheet HTML 7Page - Tyco Electronics SMD100F-2018 Datasheet HTML 8Page - Tyco Electronics SMD100F-2018 Datasheet HTML 9Page - Tyco Electronics SMD100F-2018 Datasheet HTML 10Page - Tyco Electronics SMD100F-2018 Datasheet HTML 11Page - Tyco Electronics SMD100F-2018 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
122
RoHS Compliant, ELV Compliant
HF Halogen Free
12
SMD Series
Size 7555 mm/2920 mils
SMD030F
0.30
0.60
60
10
1.70
1.50
3.00
1.200
4.800
S4
SMD050F
0.50
1.00
60
10
1.70
2.50
4.00
0.350
1.400
S4
SMD075F
0.75
1.50
30
40
1.70
8.00
0.30
0.350
1.000
S4
SMD075F/60
0.75
1.50
60
10
1.70
8.00
0.30
0.350
1.000
S4
SMD100F
1.10
2.20
30
40
1.70
8.00
0.50
0.120
0.480
S4
SMD100F/33
1.10
2.20
33
40
1.70
8.00
0.50
0.120
0.410
S4
SMDH120
1.20
2.30
16
50
2.00
8.00
2.00
0.150
0.340
S4
SMD125F
1.25
2.50
15
40
1.70
8.00
2.00
0.070
0.250
S4
SMD260F
2.60
5.20
6
40
1.70
8.00
20.00
0.025
0.075
S4
SMD300F
3.00
6.00
6
40
1.50
8.00
35.00
0.015
0.048
S4
SMD300F/15
3.00
6.00
15
40
1.50
8.00
35.00
0.015
0.050
S4
SMD2 Devices
Size 8763 mm/3425 mils
SMD150F
1.50
3.00
15
40
1.90
8.00
5.00
0.060
0.250
S4
SMD150F/33
1.50
3.00
33
40
1.90
8.00
5.00
0.080
0.230
S4
SMDH160
1.60
3.20
16
70
2.20
8.00
15.00
0.050
0.150
S4
SMD185F
1.85
3.60
33
40
1.50
8.00
5.00
0.065
0.165
S4
SMD200F
2.00
4.00
15
40
1.90
8.00
12.00
0.050
0.125
S4
SMD250F
2.50
5.00
15
40
1.90
8.00
25.00
0.035
0.085
S4
Part Number
IH
(A)
IT
(A)
VMAX
(VDC)
IMAX
(A)
PD MAX
(W)
Max. Time-to-Trip
(A)
(S)
RMIN
(
Ω)
R1MAX
(
Ω)
Figure for
Dimensions
Table S3 Electrical Characteristics for Surface-mount Devices at Room Temperature
Cont’d
C
A
B
E
D
Figure S2
B
H
C
F
G
A
D
E
Figure S4
B
F
A
D
E
C
Figure S3
Figure S2-S4 Dimension Figures for Surface-mount Devices
femtoSMDC Series
Size 1608 mm/0603 mils
femtoSMDC005F
1.40
1.80
0.45
0.85
0.60
1.00
0.10
0.50
0.075
——
S2
(0.055) (0.071)
(0.017) (0.033)
(0.023) (0.039)
(0.004) (0.020)
(0.003)
——
femtoSMDC008F
1.40
1.80
0.45
0.85
0.60
1.00
0.10
0.50
0.075
——
S2
(0.055) (0.071)
(0.017) (0.033)
(0.023) (0.039)
(0.004) (0.020)
(0.003)
——
femtoSMDC010F
1.40
1.80
0.45
0.85
0.60
1.00
0.10
0.50
0.075
——
S2
(0.055) (0.071)
(0.017) (0.033)
(0.023) (0.039)
(0.004) (0.020)
(0.003)
——
femtoSMDC012F
1.40
1.80
0.35
0.75
0.60
1.00
0.10
0.50
0.075
——
S2
(0.055) (0.071)
(0.013) (0.030)
(0.023) (0.039)
(0.004) (0.020)
(0.003)
——
femtoSMDC016F
1.40
1.80
0.35
0.75
0.60
1.00
0.10
0.50
0.075
——
S2
(0.055) (0.071)
(0.013) (0.030)
(0.023) (0.039)
(0.004) (0.020)
(0.003)
——
femtoSMDC020F
1.40
1.80
0.35
0.75
0.60
1.00
0.10
0.50
0.075
——
S2
(0.055) (0.071)
(0.013) (0.030)
(0.023) (0.039)
(0.004) (0.020)
(0.003)
——
femtoSMDC035F
1.40
1.80
0.55
0.95
0.60
1.00
0.10
0.50
0.075
——
S2
(0.055) (0.071)
(0.021) (0.037)
(0.023) (0.039)
(0.004) (0.020)
(0.003)
——
Part Number
A
Min.
Max.
H
Min.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.
Table S4 Dimensions for Surface-mount Devices in Millimeters (Inches)
NEW
NEW
NEW
NEW
NEW
NEW


Similar Part No. - SMD100F-2018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMD100F-2018 MACOM-SMD100F-2018 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
SMD100F-2018 MACOM-SMD100F-2018 Datasheet
307Kb / 16P
   PolySwitch Resettable Devices Surface-mount Devices
SMD100F-2018 MACOM-SMD100F-2018 Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
logo
Littelfuse
SMD100F-2018 LITTELFUSE-SMD100F-2018 Datasheet
96Kb / 2P
   PolySwitch PTC Devices
More results

Similar Description - SMD100F-2018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMD150F MACOM-SMD150F_1 Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
PICOSMD035F MACOM-PICOSMD035F Datasheet
307Kb / 16P
   PolySwitch Resettable Devices Surface-mount Devices
logo
List of Unclassifed Man...
SMD300 ETC2-SMD300 Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com