Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6241CU Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL6241CU
Description  Dual Laser Driver with APC Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL6241CU Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL6241CU Datasheet HTML 1Page - Elantec Semiconductor EL6241CU Datasheet HTML 2Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL6241C is a combination read + 2 write level laser driver and IV
amplifier, with an extra read + oscillator ROM channel for use in dual-
laser ‘combo’ drivers. A separate (amplitude and frequency) oscillator
modulates the selected output for laser noise reduction during read or
write. All these functions are provided in a 24-lead QSOP package.
The CD pin, when high, selects the CD (write) laser. Positive current
supplied to the IIN lines, through a user selected resistor, allow the full
scale range of each amplifier to be matched to the full scale range of
the users control DACs. When the write laser is selected, and the
WEN pins are switched low, the respective current is summed to the
output with 1ns rise and fall times.
The 100mAP-P (max) oscillator is switched on when both OSCEN and
OUTEN pins are high. The CD line allows the oscillator to operate at
different amplitudes and frequencies for each laser.
The entire chip is powered down when ENABLE is low. The user can
define the gain of the I/V amplifier. With a slew rate of 200V/µs, the
I/V amplifier can normally settle to 1% within 30ns.
Connection Diagrams
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
VOUT
VREF
IINR
IIN2
RF1
IIN3
GND
RF2
WEN2
CD
WEN3
NC
PDIN
VDD
VDD
IOUT1
GND
GND
RAMP1
RAMP2
ENABLE
OSCEN
IOUT2
VDD
19
18
17
16
15
14
13
1
2
3
4
5
6
7
Thermal Pad
IIN2
RF1
IIN3
GND
RF2
WEN2
CD
VCC
IOUT1
GND
GND
RAMP1
RAMP2
ENABLE
Features
• Read + 2 write channel laser driver
with oscillator and fast I/V
amplifier plus a separate ROM
laser driver with oscillator
• 200V/µs I/V amplifier
• 100X gain, 100mA low noise read
channel
• 250X gain, 250mA and 150X gain,
150mA write channels
• 500MHz, 100mAP-P oscillator
• Write rise/fall times = 0.8ns
• Single +5V supply
• Auto-oscillator on-off with
OUTEN signals
Applications
• Combo CD-RW + DVD-ROM
• CD-RW to 16X
• CD-R to 32X
• Writable optical disk drives
Ordering Information
Part No
Temp Range
Package
Outline #
EL6241CU
-40°C to+ 85°C
24-Pin QSOP
MDP0040
EL6241CL
-40°C to+ 85°C
24-Pin LPP
MDP0046
EL6241C - Product Brief
Dual Laser Driver with APC Amp


Similar Part No. - EL6241CU

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6240C ELANTEC-EL6240C Datasheet
138Kb / 2P
   Dual Laser Driver with APC Amp
EL6240CL ELANTEC-EL6240CL Datasheet
138Kb / 2P
   Dual Laser Driver with APC Amp
EL6240CU ELANTEC-EL6240CU Datasheet
138Kb / 2P
   Dual Laser Driver with APC Amp
EL6242C ELANTEC-EL6242C Datasheet
140Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6242CL ELANTEC-EL6242CL Datasheet
140Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
More results

Similar Description - EL6241CU

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6240C ELANTEC-EL6240C Datasheet
138Kb / 2P
   Dual Laser Driver with APC Amp
EL6280C ELANTEC-EL6280C Datasheet
136Kb / 2P
   Dual Laser Driver with APC Amp
EL6281C ELANTEC-EL6281C Datasheet
140Kb / 2P
   4-Channel Laser Driver with APC Amp
EL6270C ELANTEC-EL6270C Datasheet
37Kb / 2P
   Laser Driver with Ocillator and APC
logo
Intersil Corporation
ISL58831 INTERSIL-ISL58831 Datasheet
344Kb / 12P
   Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
logo
Renesas Technology Corp
ISL58831 RENESAS-ISL58831 Datasheet
687Kb / 12P
   Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
Jan 28, 2016
ISL58113 RENESAS-ISL58113 Datasheet
500Kb / 9P
   Laser Diode Driver with APC Amplifier for Printers
ISL58115 RENESAS-ISL58115 Datasheet
500Kb / 9P
   Laser Diode Driver with APC Amplifier for Printers
ISL58125 RENESAS-ISL58125 Datasheet
569Kb / 11P
   Dual-Channel Laser Diode Driver with APC Amplifier for Multi-Beam Printers
July 22, 2013
logo
Asahi Kasei Microsystem...
AK2573A AKM-AK2573A Datasheet
267Kb / 38P
   125M / 156M Laser Diode Driver APC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com