Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB157 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # DB157
Description  BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

DB157 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  DB157 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. DB157 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: DB, Molded Plastic
Low Forward Voltage Drop
High Surge Current Capability
Glass Passivated Die Construction
Classification 94V-O
MIL-STD-202, Method 208
Designed for Surface Mount Application
DB151 – DB157
Features
High Current Capability
Plastic Material – UL Recognition Flammability
Mechanical Data
Terminals: Plated Leads Solderable per
Polarity: As Marked on Case
Weight: 1.0 grams (approx.)
Mounting Position: Any
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
DB157
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TA = 40°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
50
A
Forward Voltage per element
@IF = 1.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
500
µA
Typical Junction Capacitance per element (Note 1)
Cj
25
pF
Typical Thermal Resistance per leg (Note 2)
RθJA
RθJL
40
15
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Mounted on PC board with 13mm
2 copper pad.
D
E
H
J
K
L
M
B
A
C
G
DB
Dim
Min
Max
A
6.20
6.50
B
6.80
8.40
C
7.24
8.70
D
0.20
0.38
E
G
H
1.30
J
3.80
4.90
K
L
M
All Dimensions in mm
0.90
1.40
5.00
5.20
0.45
0.58
8.12
8.80
2.15
3.40
-
DB152
DB151
DB153 DB154
DB155 DB156
!
Lead Free: For RoHS / Lead Free Version,
http://www.trr-jx.com
BRIDGE RECTIFIERS


Similar Part No. - DB157

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB157 HY-DB157 Datasheet
352Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Rectron Semiconductor
DB157 RECTRON-DB157 Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
DB157 LUGUANG-DB157 Datasheet
153Kb / 2P
   Silicon Bridge Rectifiers
logo
DIYI Electronic Technol...
DB157 DYELEC-DB157 Datasheet
2Mb / 3P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB157 YFWDIODE-DB157 Datasheet
436Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DB157

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com