Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2500Y Datasheet(PDF) 8 Page - Littelfuse

Part # K2500Y
Description  Teccor짰 brand Thyristors Standard Bidirectional SIDACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2500Y Datasheet(HTML) 8 Page - Littelfuse

Back Button K2500Y Datasheet HTML 4Page - Littelfuse K2500Y Datasheet HTML 5Page - Littelfuse K2500Y Datasheet HTML 6Page - Littelfuse K2500Y Datasheet HTML 7Page - Littelfuse K2500Y Datasheet HTML 8Page - Littelfuse K2500Y Datasheet HTML 9Page - Littelfuse K2500Y Datasheet HTML 10Page - Littelfuse K2500Y Datasheet HTML 11Page - Littelfuse K2500Y Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
346
Revised: 09/23/13
©2013 Littelfuse, Inc
Specifications are subject to change without notice.
Teccor® brand Thyristors
Standard Bidirectional SIDACs
Kxxxzy Series
Dimension
Inches
Millimeters
Max
Max
Min
Max
A
0.176
0.196
4.47
4.98
B
0.500
12.70
D
0.095
0.105
2.41
2.67
E
0.150
3.81
F
0.046
0.054
1.16
1.37
G
0.135
0.145
3.43
3.68
H
0.088
0.096
2.23
2.44
J
0.176
0.186
4.47
4.73
K
0.088
0.096
2.23
2.44
L
0.013
0.019
0.33
0.48
M
0.013
0.017
0.33
0.43
N
0.060
1.52
Dimensions — TO-92 with Type 70 Lead Form
A
B
MT2
MT1
E
H
G
F
D
K
J
L
M
N
Temperature Measuring Point
Notes:
1. Type 70 lead form as shown is standard for the E package.
2. All leads are insulated from case. Case is electrically nonconductive (rated at 16000V ac
rms for one minute from leads to case over the operating temperature range.)
3. Mold flash shall not exceed 0.13 mm per side.
Product Selector
Part Number
Switching Voltage Range
Blocking Voltage
Packages
V
BO Minimum
V
BO Maximum
V
DRM
DO-15
DO-214
TO-92
K0900y
79V
97V
70V
K0900G
K0900S
K0900E70
K1050y
95V
113V
90V
K1050G
K1050S
K1050E70
K1100y
104V
118V
90V
K1100G
K1100S
K1100E70
K1200y
110V
125V
90V
K1200G
K1200S
K1200E70
K1300y
120V
138V
90V
K1300G
K1300S
K1300E70
K1400y
130V
146V
90V
K1400G
K1400S
K1400E70
K1500y
140V
170V
90V
K1500G
K1500S
K1500E70
K1800y
165V
195V
140V
K1800S
K2000y
190V
215V
180V
K2000G
K2000S
K2000E70
K2002y
190V
215V
180V
K2002G
K2200y
205V
230V
180V
K2200G
K2200S
K2200E70
K2202y
205V
230V
180V
K2202G
K2400y
220V
250V
190V
K2400G
K2400S
K2400E70
K2402y
220V
250V
190V
K2402G
K2500y
240V
280V
200V
K2500G
K2500S
K2500E70
K2502y
240V
280V
200V
K2502G
K3002y
270V
330V
200V
K3002G
Note: y = package


Similar Part No. - K2500Y

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K2500Y LITTELFUSE-K2500Y Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
K2500YH LITTELFUSE-K2500YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
K2500YH LITTELFUSE-K2500YH Datasheet
247Kb / 10P
   Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
K2500yURP LITTELFUSE-K2500yURP Datasheet
840Kb / 9P
   RoHS Compliant
More results

Similar Description - K2500Y

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000GH LITTELFUSE-K2000GH Datasheet
247Kb / 10P
   Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
HT34B LITTELFUSE-HT34B Datasheet
261Kb / 8P
   Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
   Teccor짰 brand Thyristors
P1100G_LRP LITTELFUSE-P1100G_LRP Datasheet
406Kb / 4P
   Teccor짰 brand Protection Thyristors
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com