Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK22 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SK22
Description  Surface Mount Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SK22 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SK22 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SK22 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SK22 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SK22~SK210
Features
Low profile package
Ideal for automated placement
Ultrafast reverse recovery time
Low power losses, high efficiency
Low forward voltage drop
High surge capability
High temperature soldering:
260℃/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Major Ratings and Characteristics
Case:
JEDEC DO-214AA molded plastic
body over glass passivated chip
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity:
Laser band denotes cathode end
IF(AV)
2.0A
VRRM
20 V to 100 V
IFSM
50A
VF
0.50V, 0.55V, 0.70V, 0.85V
Tj max.
125 °C
y
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.28 x 0.28” (7.0 x 7.0mm) copper pad areas.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
10000
V/µs
j
Items
Symbol SK22
SK23
SK24
SK25
SK26
SK28 SK210 UNIT
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
25
/W
Voltage rate of change (rated VR)
dv/dt
100
V
Maximum average forward rectified current
IF(AV)
2.0
A
Operating junction and storage temperature
range
TJ,TSTG
–65 to +125
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
IFSM
50
A
Thermal resistance from junction to lead
(1)
RθJL
Items
Test conditions
Symbol
SK22
SK23~24
SK25~26
SK28~210
UNIT
Instantaneous forward
voltage
IF=2.0A
(2)
VF
0.50
0.55
0.70
0.85
V
Reverse current
VR=VDC
TA=25℃
IR
0.5
mA
TA=100℃
5
http://www.trr-jx.com
Surface Mount Schottky Rectifiers


Similar Part No. - SK22

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK22 PANJIT-SK22 Datasheet
58Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Mospec Semiconductor
SK22 MOSPEC-SK22 Datasheet
177Kb / 2P
   Surface Mount Schottky Barrier rectifiers
logo
Continental Device Indi...
SK22 CDIL-SK22 Datasheet
208Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Semikron International
SK22 SEMIKRON-SK22 Datasheet
146Kb / 2P
   Schottky barrier rectifiers diodes
logo
Sangdest Microelectroni...
SK22 SMC-SK22 Datasheet
306Kb / 5P
   Additional testing can be offered upon request
More results

Similar Description - SK22

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA Datasheet
53Kb / 2P
   Surface Mount Schottky-Rectifiers
SM5817 DIOTEC-SM5817 Datasheet
169Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
Guangdong Juxing Electr...
SS52_DO-214AB JUXING-SS52_DO-214AB Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
SS22F JUXING-SS22F Datasheet
653Kb / 3P
   Surface Mount Schottky Rectifiers
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Shenzhen Luguang Electr...
LGL341-20 LUGUANG-LGL341-20 Datasheet
420Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SS52F YIXIN-SS52F Datasheet
184Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
MASK12 JUXING-MASK12 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com