Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5486CU Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL5486CU
Description  Quad 4ns High Speed Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5486CU Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL5486CU Datasheet HTML 1Page - Elantec Semiconductor EL5486CU Datasheet HTML 2Page - Elantec Semiconductor EL5486CU Datasheet HTML 3Page - Elantec Semiconductor EL5486CU Datasheet HTML 4Page - Elantec Semiconductor EL5486CU Datasheet HTML 5Page - Elantec Semiconductor EL5486CU Datasheet HTML 6Page - Elantec Semiconductor EL5486CU Datasheet HTML 7Page - Elantec Semiconductor EL5486CU Datasheet HTML 8Page - Elantec Semiconductor EL5486CU Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
EL5485C, EL5486C - Preliminary
Quad 4ns High Speed Comparators
Typical Performance Curves
Propagation Delay vs Supply Voltage
4
4.2
4.8
5.2
5.4
5.6
6
6.8
6.6
6.2
6
5.8
5.6
±VS (V)
6.4
4.4
Digital Supply Current vs Switching Frequency
(per comparator)
0
20
40
50
25
20
10
0
Frequency (MHz)
15
10
5
30
TPD-
TPD+
VSD=VS+
VOD=50mV
RL=2.2k
5
4.6
5.8
VS=±5V
TA=25°C
VSD=5V
VSD=3V
Output Low Voltage vs Temperature
-50
-30
10
30
50
70
90
0.285
0.235
Temperature (°C)
-10
0.275
0.255
0.245
0.265
Supply Current vs Temperature
(per comparator)
-50
10
70
90
12
11
8
6
Temperature (°C)
-30
7
50
10
9
30
-10
IS+
IS-
Propagation Delay vs Overdrive
VIN=1VSTEP
50 100
250 300
400
500
600
6.1
6
5.8
5.5
5.2
VOD (mV)
5.9
5.7
150
5.6
5.4
5.3
350
450
550
200
TPD-
TPD+
VS=±5V
VSD=5V
RL=2.2k
Propagation Delay vs Overdrive
VIN=3VSTEP
0.2
0.6
0.8
1.2
1.6
2
8
6.5
5
VOD (mV)
7.5
7
6
5.5
1
1.4
1.8
0.4
TPD-
TPD+
VS=±5V
VSD=5V
RL=2.2k


Similar Part No. - EL5486CU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5486CU INTERSIL-EL5486CU Datasheet
154Kb / 9P
   Quad 4ns High Speed Comparators
EL5486CU-T13 INTERSIL-EL5486CU-T13 Datasheet
154Kb / 9P
   Quad 4ns High Speed Comparators
More results

Similar Description - EL5486CU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5485 INTERSIL-EL5485 Datasheet
154Kb / 9P
   Quad 4ns High Speed Comparators
logo
Elantec Semiconductor
EL5285C ELANTEC-EL5285C Datasheet
303Kb / 11P
   Dual and Window 4ns High-Speed Comparators
EL5287C ELANTEC-EL5287C Datasheet
98Kb / 10P
   Dual and Window 4ns High-Speed Comparators
logo
Renesas Technology Corp
EL5481 RENESAS-EL5481 Datasheet
568Kb / 9P
   Quad 8ns High-Speed Comparators
June 14, 2001
logo
Intersil Corporation
EL5481 INTERSIL-EL5481 Datasheet
176Kb / 9P
   Quad 8ns High-Speed Comparators
logo
Elantec Semiconductor
EL5481C ELANTEC-EL5481C Datasheet
112Kb / 11P
   Quad 8ns High-Speed Comparators
logo
Intersil Corporation
EL5185 INTERSIL-EL5185 Datasheet
100Kb / 9P
   4ns High-Speed Comparator
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
Intersil Corporation
EL5285I INTERSIL-EL5285I Datasheet
136Kb / 9P
   Dual 4ns High-Speed Comparator
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com