Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN63D8LDW-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN63D8LDW-13
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN63D8LDW-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN63D8LDW-13 Datasheet HTML 1Page - Diodes Incorporated DMN63D8LDW-13 Datasheet HTML 2Page - Diodes Incorporated DMN63D8LDW-13 Datasheet HTML 3Page - Diodes Incorporated DMN63D8LDW-13 Datasheet HTML 4Page - Diodes Incorporated DMN63D8LDW-13 Datasheet HTML 5Page - Diodes Incorporated DMN63D8LDW-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN63D8LDW
Document number: DS36021 Rev. 3 - 2
3 of 6
www.diodes.com
November 2012
© Diodes Incorporated
DMN63D8LDW
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
01
2
3
4
5
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristic
DS
V= 2.0V
GS
V= 2.5V
GS
V= 3.0V
GS
V= 4.0V
GS
V= 4.5V
GS
V
= 10.0V
GS
0
0.1
0.2
0.3
0.4
0.5
0.6
01
2
3
4
5
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0
1
2
3
4
5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= 2.5V
GS
V
= 4.5V
GS
V
= 10V
GS
1.5
2.5
3.5
4.5
0
5
10
15
20
1.0
2.0
3.0
4.0
5.0
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Drain-Source On-Resistance
vs. Gate-Source Voltage
I = 250mA
D
I = 100mA
D
I= 10mA
D
0
2
4
6
8
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
10
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
°
0.6
0.8
1.0
1.2
1.4
1.6
V
= 4.0V
I = 200mA
GS
D
V=
V
I = 300mA
GS
D
5.0


Similar Part No. - DMN63D8LDW-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN63D8LDW-13 DIODES-DMN63D8LDW-13 Datasheet
172Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN63D8LDW-13

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com