Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5396CU Datasheet(PDF) 5 Page - Elantec Semiconductor

Part # EL5396CU
Description  Triple 400MHz Fixed Gain Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5396CU Datasheet(HTML) 5 Page - Elantec Semiconductor

  EL5396CU Datasheet HTML 1Page - Elantec Semiconductor EL5396CU Datasheet HTML 2Page - Elantec Semiconductor EL5396CU Datasheet HTML 3Page - Elantec Semiconductor EL5396CU Datasheet HTML 4Page - Elantec Semiconductor EL5396CU Datasheet HTML 5Page - Elantec Semiconductor EL5396CU Datasheet HTML 6Page - Elantec Semiconductor EL5396CU Datasheet HTML 7Page - Elantec Semiconductor EL5396CU Datasheet HTML 8Page - Elantec Semiconductor EL5396CU Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
EL5396C - Preliminary
Triple 400MHz Fixed Gain Amplifier
Typical Performance Curves
Frequency Response for Various CL
1M
10M
100M
1G
14
10
6
2
-2
-6
Frequency (Hz)
AV=2
RL=150Ω
RF=RG=500Ω
33pF
22pF
15pF
8pF
0pF
Group Delay vs Frequency
1M
10M
100M
1G
Frequency (Hz)
AV=1
RF=750Ω
AV=2
RF=500Ω
Frequency Response for Various Common-mode Input
Voltages
1M
10M
100M
1G
6
2
-2
-6
-10
-14
Frequency (Hz)
AV=2
RF=500Ω
RL=150Ω
VCM=3V
VCM=0V
VCM=-3V
3.5
0
3
2.5
2
1.5
1
0.5
Frequency Response for Various RF
1M
10M
100M
1G
6
2
-2
-6
-10
-14
Frequency (Hz)
AV=2
RG=RF
RL=150Ω
340
475
620
750
1.2k
Transimpedance (ROL) vs Frequency
1k
Frequency (Hz)
10k
100k
1M
10M
100
1G
10M
100
1k
10k
100k
1M
Phase
Gain
PSRR and CMRR vs Frequency
Frequency (Hz)
PSRR+
PSRR-
CMRR
20
-80
-60
-40
-20
0
10k
100k
1M
10M
1G
100M
-90
-180
-270
-360
0


Similar Part No. - EL5396CU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5396A RENESAS-EL5396A Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
logo
Intersil Corporation
EL5396ACS INTERSIL-EL5396ACS Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5396ACS RENESAS-EL5396ACS Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
logo
Intersil Corporation
EL5396ACS-T13 INTERSIL-EL5396ACS-T13 Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
More results

Similar Description - EL5396CU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5396A RENESAS-EL5396A Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
logo
Elantec Semiconductor
EL5196C ELANTEC-EL5196C Datasheet
292Kb / 14P
   Single 400MHz Fixed Gain Amplifier
logo
List of Unclassifed Man...
EL5196AC ETC1-EL5196AC Datasheet
223Kb / 15P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5196 INTERSIL-EL5196 Datasheet
264Kb / 13P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Fairchild Semiconductor
RC6704 FAIRCHILD-RC6704 Datasheet
73Kb / 8P
   Triple Fixed Gain Video Amplifier
logo
Elantec Semiconductor
EL5397C ELANTEC-EL5397C Datasheet
295Kb / 14P
   Triple 200MHz Fixed Gain Amplifier
logo
Texas Instruments
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
[Old version datasheet]   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com