Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5397C Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL5397C
Description  Triple 200MHz Fixed Gain Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5397C Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL5397C Datasheet HTML 1Page - Elantec Semiconductor EL5397C Datasheet HTML 2Page - Elantec Semiconductor EL5397C Datasheet HTML 3Page - Elantec Semiconductor EL5397C Datasheet HTML 4Page - Elantec Semiconductor EL5397C Datasheet HTML 5Page - Elantec Semiconductor EL5397C Datasheet HTML 6Page - Elantec Semiconductor EL5397C Datasheet HTML 7Page - Elantec Semiconductor EL5397C Datasheet HTML 8Page - Elantec Semiconductor EL5397C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL5397C is a triple channel, fixed gain amplifier with a band-
width of 200MHz, making these amplifiers ideal for today’s high
speed video and monitor applications. The EL5397C features integnal
gain setting resistors and can be configured in a gain of +1, -1 or +2.
The same bandwidth is seen in both gain-of-1 and gain-of-2
applications.
With a supply current of just 4mA per amplifier and the ability to run
from a single supply voltage from 5V to 10V, these amplifiers are also
ideal for hand held, portable or battery powered equipment.
For applications where board space is critical, the EL5397C is offered
in the 16-pin QSOP package, as well as a 16-pin SO. The EL5397C is
specified for operation over the full industrial temperature range of ---
-40
°C to +85°C.
Pin Configurations
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
EL5397CS, EL5397CU
INA-
OUTA
VS+
OUTB
INB-
NC
OUTC
INC-
INA+
NC*
VS-
NC*
INB+
NC
NC*
INC+
16-Pin SO & QSOP
-
+
-
+
-
+
* This pin must be left disconnected
Features
• Gain selectable (+1, -1, +2)
• 200MHz -3dB bandwidth (AV = 1,
2)
• 4mA supply current (per amplifier)
• Single and dual supply operation,
from 5V to 10V
• Available in 16-pin QSOP package
• Single (EL5197C) available
• 400MHz, 9mA product available
(EL5196C, EL5396C)
Applications
• Battery-powered Equipment
• Hand-held, Portable Devices
• Video Amplifiers
• Cable Drivers
• RGB Amplifiers
• Test Equipment
• Instrumentation
• Current to Voltage Converters
Ordering Information
Part No
Package
Tape &
Reel
Outline #
EL5397CS
16-Pin SO
-
MDP0027
EL5397CS-T7
16-Pin SO
7”
MDP0027
EL5397CS-T13
16-Pin SO
13”
MDP0027
EL5397CU
16-Pin QSOP
-
MDP0040
EL5397CU-T13
16-Pin QSOP
13”
MDP0040
EL5397C - Preliminary
Triple 200MHz Fixed Gain Amplifier


Similar Part No. - EL5397C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5397A RENESAS-EL5397A Datasheet
871Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
logo
Intersil Corporation
EL5397ACS INTERSIL-EL5397ACS Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397ACS INTERSIL-EL5397ACS Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
More results

Similar Description - EL5397C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5397A RENESAS-EL5397A Datasheet
871Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
291Kb / 14P
   Single 200MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
   Single 200MHz Fixed Gain Amplifier with Enable
EL5197 INTERSIL-EL5197_07 Datasheet
329Kb / 16P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Fairchild Semiconductor
RC6704 FAIRCHILD-RC6704 Datasheet
73Kb / 8P
   Triple Fixed Gain Video Amplifier
logo
Elantec Semiconductor
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
   Triple 400MHz Fixed Gain Amplifier
logo
Texas Instruments
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
[Old version datasheet]   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com