Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCU06B60 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # FCU06B60
Description  FRED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

FCU06B60 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  FCU06B60 Datasheet HTML 1Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FIG.1
FIG.4
FIG.5
FIG.2
FIG.3
6A Avg.
Volts
FRED
■OUTLINE DRAWING(mm)
■定格・特性曲線
142
FCU06B60
0
0
6
■APPROX. NET WEIGHT:1.75g
Item
Symbol
Conditions
平均整流電流
Average Rectified Forward Current
IO
Tc=95℃
6
実効順電流
R.M.S. Forward Current
IF(RMS)
6.66
保存温度範囲
Storage Temperature Range
Tstg
−40∼+150
締付トルク
Mounting torque
Ftor
推奨値
Recommended Value
サージ順電流
Surge Forward Current
IFSM
35
50Hz正弦半波,1サイクル,非くり返し
50Hz Half Sine Wave,1cycle, Non-repetitive
Unit
50Hz、正弦半波通電抵抗負荷
50Hz Half Sine Wave Resistive Load
A
A
A
N・m
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150
0.5
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
V
0
0
6
■最大定格 Maximum Ratings
■電気的・熱的特性 Electrical/ Thermal Characteristics
Item
Conditions
Min.
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM
逆回復時間
Reverse Recovery Time
IFM=3A, −di/dt=50 A/μs, Tj=25℃
Typ.
Max.
Unit
20
μA
17
27
ns
Symbol
IRM
trr
ピーク順電圧
Peak Forward Voltage
VFM
Tj=25℃, IFM=3A
2.2
2.7
V
Rth(j-c)
接合部・ケース間
Junction to Case
4
℃/W
熱抵抗
Thermal Resistance
Rth(c-f)
ケース・フィン間
Case to Fin
1.5
℃/W


Similar Part No. - FCU06B60

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
FCU06B60 NI-FCU06B60_15 Datasheet
193Kb / 1P
   FRED
More results

Similar Description - FCU06B60

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10DRA60_2015 NI-10DRA60_2015 Datasheet
110Kb / 1P
   FRED
10ERA60_2015 NI-10ERA60_2015 Datasheet
95Kb / 1P
   FRED
10ERB20_2015 NI-10ERB20_2015 Datasheet
107Kb / 1P
   FRED
10ERB40_2015 NI-10ERB40_2015 Datasheet
108Kb / 1P
   FRED
11EFS2_2015 NI-11EFS2_2015 Datasheet
89Kb / 1P
   FRED
20NFB60_2015 NI-20NFB60_2015 Datasheet
328Kb / 1P
   FRED
30PFB60_2015 NI-30PFB60_2015 Datasheet
250Kb / 1P
   FRED
30PRA20_2015 NI-30PRA20_2015 Datasheet
263Kb / 1P
   FRED
31DF2_2015 NI-31DF2_2015 Datasheet
91Kb / 1P
   FRED
31DF4_2015 NI-31DF4_2015 Datasheet
479Kb / 1P
   FRED
C16T20F-11A_2015 NI-C16T20F-11A_2015 Datasheet
135Kb / 1P
   FRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com