Electronic Components Datasheet Search |
|
MASW2040 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MASW2040 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 4 page • North America Tel: 800.366.2266 / Fax: 978.366.2266 • Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 • Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 2 GaAs DPDT Switch DC - 2.0 GHz Rev. V3 MASW2040 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Electrical Specifications: 0 / -5 Vdc, -55°C to +85°C Parameter Test Conditions Units Min. Typ. Max. Insertion Loss DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz dB dB dB — — — — — — 0.4 0.4 0.6 Isolation DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz dB dB dB 25 20 15 — — — — — — VSWR DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz Ratio Ratio Ratio — — — — — — 1.1:1 1.2:1 1.2:1 Input P-1dB 0.05 GHz (0 / -5 V, 0 / -8V) 0.5 - 2.0 GHz (0 / -5 V, 0 / -8V) dBm dBm — — +24, +25 +30, +33 — — IP2 Two Tone Input Power up to +5 dBm 0.05 GHz 0.5 - 2.0 GHz dBm dBm — — +62 +68 — — IP3 Two Tone Input Power up to +5 dBm 0.05 GHz 0.5 - 2.0 GHz dBm dBm — — +39 +46 — — Control Current VIN Low (0 to -0.2 V) VIN High (-5 V @ 25 µA Typ to -8 V) µA µA — — — — 9 75 T-rise, T-fall 10% to 90% RF and 90% to 10% RF ns — 3 — TON, TOFF 50% control to 90% RF, and 50% control to 90% RF ns — 6 — Transients In Band mV — 20 — Truth Table 3 Handling Procedures Please observe the following precautions to avoid damage: Static Sensitivity Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices. Control A B RF1- RFA1 RF1- RFB1 RF2- RFA2 RF2- RFB2 1 0 Off On Off On 0 1 On Off On Off Condition of Switch 3. 0 = 0 to –0.2 V, 1 = -5 V. |
Similar Part No. - MASW2040 |
|
Similar Description - MASW2040 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |