Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-000936 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-000936
Description  PIN Diode SPDT 120 Watt Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-000936 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MASW-000936 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-000936 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-000936 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-000936 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-000936 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-000936 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-000936 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
PIN Diode SPDT 120 Watt Switch for
0.05 - 6.0 GHz Higher Power Applications
Rev. V3
MASW-000936
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Application Schematic
8
Component
Value
Package
C1-C3
22 pF
0603
C4-C6
27 pF
0603
L1-L4
68 nH
0603
R1, R2
137 Ω
0603
Parts List
PCB Footprint
8. Adding an LC network to pin 12 can improve RX performance
between 2.0 and 2.7 GHz but may limit performance above 3
GHz. For broadband applications M/A-COM Technology
Solutions recommends not using pin 12 and not connecting it
to any metal trace.


Similar Part No. - MASW-000936

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000936-001SMB MA-COM-MASW-000936-001SMB Datasheet
650Kb / 8P
   PIN Diode SPDT 120 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000936-14000T MA-COM-MASW-000936-14000T Datasheet
650Kb / 8P
   PIN Diode SPDT 120 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000936 MA-COM-MASW-000936_15 Datasheet
650Kb / 8P
   PIN Diode SPDT 120 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
More results

Similar Description - MASW-000936

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000932-V1-APR11 MA-COM-MASW-000932-V1-APR11 Datasheet
132Kb / 6P
   HMICTM PIN Diode SPDT 80 Watt Switch
MASW-000834_13560T_V8 MA-COM-MASW-000834_13560T_V8 Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000936 MA-COM-MASW-000936_15 Datasheet
650Kb / 8P
   PIN Diode SPDT 120 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
Pasternack Enterprises,...
PE71S2042 PASTERNACK-PE71S2042_V01 Datasheet
468Kb / 5P
   SPDT PIN Diode Switch
PE71S2039 PASTERNACK-PE71S2039_V01 Datasheet
551Kb / 5P
   SPDT PIN Diode Switch
PE71S2041 PASTERNACK-PE71S2041_V01 Datasheet
556Kb / 5P
   Absorptive SPDT PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW2_V5 MA-COM-MA4AGSW2_V5 Datasheet
111Kb / 7P
   SPDT AlGaAs PIN Diode Switch
MASW-011021 MA-COM-MASW-011021 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-002103-1363_V7 MA-COM-MASW-002103-1363_V7 Datasheet
285Kb / 8P
   HMICTM Silicon PIN Diode SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com