Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-000834-13560T Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-000834-13560T
Description  HMICTM PIN Diode SPDT 50 Watt Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-000834-13560T Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button MASW-000834-13560T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-000834-13560T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-000834-13560T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-000834-13560T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-000834-13560T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-000834-13560T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-000834-13560T Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASW-000834-13560T Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MASW-000834-13560T Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
HMICTM PIN Diode SPDT 50 Watt Switch for
0.05 - 6.0 GHz Higher Power Applications
Rev. V8
MASW-000834-13560T
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications at +25°C, Characteristic Impedance, 50mA / 25V, Z0 = 50 Ω
Parameter
Symbol
50mA / 25V Conditions
Units
Min.
Typ.
Max.
TX Input P1dB
3
TX
P1dB
2010 MHz, TX to Antenna
dBm
>45.5
TX 2
nd Harmonic
TX
2Fo
2010 MHz, Pin = + 30 dBm
dBc
80
TX 3
rd Harmonic
TX
3Fo
2010 MHz, Pin = + 30 dBm
dBc
95
TX Input Third Order
Intercept Point
TX
IIP3
Pi= +10dBm, F1 = 2010 MHz, F2 = 2020 MHz
dBm
>64
TX C.W. Input Power
3
TX
Pinc
F = 2010 MHz
dBm
W
47
50
TX RF Switching
Speed
tRF
F = 2010 MHz ( 10-90% RF Voltage)
1MHz Rep Rate in Modulating Mode
ns
200
RX C.W. Input Power
RX
Pinc
F = 2010 MHz
dBm
W
41.5
14
Parameter
Symbol
50mA / 25V Conditions
Units
Min.
Typ.
Max.
TX Input P1dB
TX
P1dB
3.5 GHz, TX to Antenna
dBm
>45
TX 2
nd Harmonic
TX
2Fo
3.5 GHz, Pin = + 30 dBm
dBc
88
TX 3
rd Harmonic
TX
3Fo
3.5 GHz, Pin = + 30 dBm
dBc
105
TX Input Third Order
Intercept Point
TX
IIP3
Pi= +10dBm, F1 = 3.500 GHz, F2 = 3.510 GHz
dBm
>64
RX C.W. Input Power
RX
Pinc
F = 3.5 GHz
dBm
W
40.5
11
TX RF Switching
Speed
tRF
F = 3.5 GHz ( 10-90% RF Voltage)
1MHz Rep Rate in Modulating Mode
ns
200


Similar Part No. - MASW-000834-13560T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
255Kb / 12P
   HMICTM PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
817Kb / 14P
   HMIC PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
More results

Similar Description - MASW-000834-13560T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000834_13560T_V8 MA-COM-MASW-000834_13560T_V8 Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000932-V1-APR11 MA-COM-MASW-000932-V1-APR11 Datasheet
132Kb / 6P
   HMICTM PIN Diode SPDT 80 Watt Switch
MASW-011021 MA-COM-MASW-011021 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-002103-1363_V7 MA-COM-MASW-002103-1363_V7 Datasheet
285Kb / 8P
   HMICTM Silicon PIN Diode SPDT Switch
MASW011021 MA-COM-MASW011021_15 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-002103-1363 MA-COM-MASW-002103-1363 Datasheet
378Kb / 8P
   HMICTM Silicon PIN Diode SPDT Switch 50 MHz - 20 GHz
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
255Kb / 12P
   HMICTM PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000822-12770T_V6 MA-COM-MASW-000822-12770T_V6 Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
218Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com