Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5420CR Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL5420CR
Description  12MHz Rail-to-Rail Input-Output Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5420CR Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL5420CR Datasheet HTML 3Page - Elantec Semiconductor EL5420CR Datasheet HTML 4Page - Elantec Semiconductor EL5420CR Datasheet HTML 5Page - Elantec Semiconductor EL5420CR Datasheet HTML 6Page - Elantec Semiconductor EL5420CR Datasheet HTML 7Page - Elantec Semiconductor EL5420CR Datasheet HTML 8Page - Elantec Semiconductor EL5420CR Datasheet HTML 9Page - Elantec Semiconductor EL5420CR Datasheet HTML 10Page - Elantec Semiconductor EL5420CR Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
EL5220C, EL5420C
12MHz Rail-to-Rail Input-Output Op Amps
Typical Performance Curves
1M
100M
Frequency (Hz)
10M
100k
0
10
-30
20
-20
-10
Frequency Response for Various CL
RL=10kΩ
AV=1
VS=±5V
Closed Loop Output Impedance vs Frequency
Frequency (Hz)
10k
100
0
40
80
120
200
1M
160
10M
AV=1
VS=±5V
TA=25°C
Maximum Output Swing vs Frequency
Frequency (Hz)
10k
100
0
2
4
12
1M
6
10M
VS=±5V
TA=25°C
AV=1
RL=10kΩ
CL=12pF
Distortion <1%
8
10
CMRR vs Frequency
100
0
Frequency (Hz)
80
60
40
20
1M
10M
10k
100k
VS=±5V
TA=25°C
1k
PSRR vs Frequency
100
0
Frequency (Hz)
80
60
40
20
1M
10M
10k
100k
VS=±5V
TA=25°C
1k
PSRR+
PSRR-
Input Voltage Noise Spectral Density vs Frequency
100
100k
100M
10
100
Frequency (Hz)
1
10M
1k
10k
1M
600
12pF
50pF
100pF
1000pF


Similar Part No. - EL5420CR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5420CR INTERSIL-EL5420CR Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5420CR INTERSIL-EL5420CR Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5420CR RENESAS-EL5420CR Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5420CR-T13 INTERSIL-EL5420CR-T13 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5420CR-T7 INTERSIL-EL5420CR-T7 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5420CR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
EL5120 INTERSIL-EL5120 Datasheet
379Kb / 20P
   12MHz Rail-to-Rail Input-Output Op Amps
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com