Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5210CY-T13 Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL5210CY-T13
Description  30MHz Rail-to-Rail Input-Output Op Amps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5210CY-T13 Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL5210CY-T13 Datasheet HTML 2Page - Elantec Semiconductor EL5210CY-T13 Datasheet HTML 3Page - Elantec Semiconductor EL5210CY-T13 Datasheet HTML 4Page - Elantec Semiconductor EL5210CY-T13 Datasheet HTML 5Page - Elantec Semiconductor EL5210CY-T13 Datasheet HTML 6Page - Elantec Semiconductor EL5210CY-T13 Datasheet HTML 7Page - Elantec Semiconductor EL5210CY-T13 Datasheet HTML 8Page - Elantec Semiconductor EL5210CY-T13 Datasheet HTML 9Page - Elantec Semiconductor EL5210CY-T13 Datasheet HTML 10Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
EL5210C/EL5410C
30MHz Rail-to-Rail Input-Output Op Amps
Typical Performance Curves
Open-Loop Gain vs Temperature
75
85
90
Temperature (°C)
-50
-10
30
70
110
150
70
80
Slew Rate vs Temperature
VS=±5V
RL=1k
EL5410C Supply Current per Amplifier vs
Temperature
2.45
2.5
2.4
Temperature (°C)
-50
-10
30
70
110
150
2.6
2.65
2.55
2.7
VS=±5V
EL5410C Supply Current per Amplifier vs Supply
Voltage
4
1.7
2.5
Supply Voltage (V)
1.5
2.9
2.1
2.3
2.7
1.9
8
121620
TA=25°C
160
33.70
33.75
Temperature (°C)
33.65
33.85
33.60
33.55
120
80
40
0
-40
33.80
0.05
-0.05
0.15
Differential Gain and Phase
0.25
0
-0.10
0.10
0.20
200
IRE
0
100
200
0
100
Harmonic Distortion vs VOP-P
04
10
-60
-30
-80
26
8
-40
-70
-50
VOP-P (V)
VS=±5V
VS=±5V
AV=2
RL=1k
VS=±5V
AV=1
RL=1k
FIN = 1MHz
HD3
HD2


Similar Part No. - EL5210CY-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5210CY-T13 INTERSIL-EL5210CY-T13 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210CY-T13 INTERSIL-EL5210CY-T13 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5210CY-T13 RENESAS-EL5210CY-T13 Datasheet
751Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5210CY-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5210 RENESAS-EL5210 Datasheet
751Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com