Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPR-000912-500S00 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAPR-000912-500S00
Description  Avionics Pulsed Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPR-000912-500S00 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAPR-000912-500S00 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPR-000912-500S00 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPR-000912-500S00 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPR-000912-500S00 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Avionics Pulsed Power Transistor
500W, 960-1215 MHz, 10µs Pulse, 10% Duty
MAPR-000912-500S00
M/A-COM Products
Released, 30 May 07
1
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• NPN silicon microwave power transistors
• Common base configuration
• Broadband Class C operation
• High efficiency inter-digitized geometry
• Diffused emitter ballasting resistors
• Gold metallization system
• Internal input and output impedance matching
• Hermetic metal/ceramic package
• RoHS compliant
Outline Drawing
Electrical Specifications: TC = 25 ± 5°C (Room Ambient )
Parameter
Test Conditions
Frequency
Symbol
Min
Max
Units
Collector-Emitter Breakdown Voltage IC = 80mA
BVCES
80
-
V
Collector-Emitter Leakage Current
VCE = 40V
ICES
-
15
mA
Thermal Resistance
Vcc = 50V, Pin = 63W
F = 960, 1090, 1215 MHz
RTH(JC)
-
0.08
°C/W
Output Power
Vcc = 50V, Pin = 63W
F = 960, 1090, 1215 MHz
POUT
500
-
W
Power Gain
Vcc = 50V, Pin = 63W
F = 960, 1090, 1215 MHz
GP
9.0
-
dB
Collector Efficiency
Vcc = 50V, Pin = 63W
F = 960, 1090, 1215 MHz
η
C
45
-
%
Input Return Loss
Vcc = 50V, Pin = 63W
F = 960, 1090, 1215 MHz
RL
-
-9
dB
Load Mismatch Tolerance
Vcc = 50V, Pin = 63W
F = 960 MHz
VSWR-T
-
3:1
-
Load Mismatch Stability
Vcc = 50V, Pin = 63W
F = 960, 1090, 1215 MHz
VSWR-S
-
1.5:1
-
Absolute Maximum Ratings at 25°C
Parameter
Symbol
Rating
Units
Collector-Emitter Voltage
VCES
80
V
Emitter-Base Voltage
VEBO
3.0
V
Collector Current (Peak)
IC
52.5
A
Power Dissipation @ +25°C
PTOT
2.2
kW
Storage Temperature
TSTG
-65 to +200
°C
Junction Temperature
TJ
200
°C


Similar Part No. - MAPR-000912-500S00

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPR-000912-500S00 MACOM-MAPR-000912-500S00 Datasheet
122Kb / 4P
   AVIONICS PULSED POWER TRANSISTOR 500 WATTS, 960-1215 MHz, 10us PULSE, 10% DUTY
logo
M/A-COM Technology Solu...
MAPR-000912-500S00 MA-COM-MAPR-000912-500S00 Datasheet
126Kb / 4P
   Avionics Pulsed Power Transistor 500W, 960-1215 MHz, 10關s Pulse, 10% Duty
MAPR-000912-500S00 MA-COM-MAPR-000912-500S00 Datasheet
126Kb / 4P
   Avionics Pulsed Power Transistor
MAPR-000912-500S00 MA-COM-MAPR-000912-500S00_15 Datasheet
126Kb / 4P
   Avionics Pulsed Power Transistor
MAPR-000912-500S00 MA-COM-MAPR-000912-500S00_17 Datasheet
632Kb / 5P
   Avionics Pulsed Power Transistor
More results

Similar Description - MAPR-000912-500S00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPR-000912-500S00 MA-COM-MAPR-000912-500S00_15 Datasheet
126Kb / 4P
   Avionics Pulsed Power Transistor
MAPRST1030-1KS MA-COM-MAPRST1030-1KS_15 Datasheet
142Kb / 4P
   Avionics Pulsed Power Transistor
PH1090-350L MA-COM-PH1090-350L_15 Datasheet
153Kb / 4P
   Avionics Pulsed Power Transistor
MAPRST0912-350 MA-COM-MAPRST0912-350 Datasheet
122Kb / 4P
   Avionics Pulsed Power Transistor
MAPRST0912-50 MA-COM-MAPRST0912-50 Datasheet
160Kb / 4P
   Avionics Pulsed Power Transistor
MAPR-001090-350S00 MA-COM-MAPR-001090-350S00_15 Datasheet
118Kb / 4P
   Avionics Pulsed Power Transistor
PH1090-175L MA-COM-PH1090-175L_17 Datasheet
673Kb / 5P
   Avionics Pulsed Power Transistor
PH1090-700B MA-COM-PH1090-700B_17 Datasheet
700Kb / 5P
   Avionics Pulsed Power Transistor
PH1090-15L MA-COM-PH1090-15L_17 Datasheet
667Kb / 5P
   Avionics Pulsed Power Transistor
PH1090-700B MA-COM-PH1090-700B Datasheet
199Kb / 4P
   Avionics Pulsed Power Transistor
PH1090-175L MA-COM-PH1090-175L_15 Datasheet
144Kb / 4P
   Avionics Pulsed Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com