Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJCSE-5085-01 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # RJCSE-5085-01
Description  Modular jacks available in RJ45 & RJ11 styles
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RJCSE-5085-01 Datasheet(HTML) 3 Page - Amphenol Corporation

  RJCSE-5085-01 Datasheet HTML 1Page - Amphenol Corporation RJCSE-5085-01 Datasheet HTML 2Page - Amphenol Corporation RJCSE-5085-01 Datasheet HTML 3Page - Amphenol Corporation RJCSE-5085-01 Datasheet HTML 4Page - Amphenol Corporation RJCSE-5085-01 Datasheet HTML 5Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
XX
-
X
XX
0
Shield Option
Plating Option
Flange Option
Modifier
RJE05
X
X
-
X
X1
0
Shield Option
Plating Option
Flange Option
Modifier
RJE09
-
X
XX
0
Shield Option
Plating Option
Flange Option
Modifier
RJSAE
X
X
X
Shield & filter Option
Number of Contacts
LED Option
RJSVE
X
X
X
Shielding
Number of Contacts
LED Option
RJHSE
RJHSE
X
-
X
XX
Number of Contacts
LED Option
Housing Colour
Number of Ports
RJE06
8
8
-
X
XX
0
# of Postions
# of Contacts
Shield Option
Plating
Flange Option
Modifier
RJE08
X
X
-
0
XX
0
# of Postions
# of Postions
Place Holder
Plating
Flange Option
Modifier
RJE23
X
X
-
X
XX
0T
# of Postions
# of Contacts
Shield Option
Plating
Flange Option
Modifier
0 = Standard
0 = Standard
XX = 02 for 1 over 1
XX = 04 for 2 over 2
XX = 08 for 4 over 4
X = 0 for Black
X = 6 For Grey
X = 1 with Flange
2 = Without Flange
X = 1 with Flange
2 = Without Flange
XX = 01 for 1 port
XX = 04 for 4 port
XX = 05 for 5 port
XX = 08 for 8 port Dual Row
XX = 0A for 10 port Dual Row
Typical Part Number Structure for Single Row - RJHSE-XXXX-XXX
X = 5 For Dual Row RJ45
X = 7 For Dual Row RJ11
X = P For press fit contact RJ45
0 = Standard
1 = No Flange
0 = Standard
0 = Standard
1 = No Flange
X = 0 Without Flange
X = 1 Flange Present
Vertical RoHS Compliant Modular Jacks with Shield and LED options in RJ45 and RJ11 Configurations
X
X = 2 to 8 (RJ45)
X = 2 to 6 (RJ11)
RJ45 RJ11
X=3 X=7
X ≠ 0 For LED's
X = 0 For No LED's
See LED Options Table
Tab Down Right Angle Single and Multiport RoHS Compliant Modular Jacks with Shield, LED and Filter Options in RJ45 and RJ11 Configurations
Typical Part Number Structure - RJE05-1XX-XX10
Typical Part Number Structure for Single & Multi Port - RJE09-XXX-XXXX
- 1
# of Ports
# of Positions
# of Contacts
X = 1 For 6u"Au
X = 2 For 15u"Au
X = 3 For 30u" Au
X = 4 For 50 u" Au
# of Ports # of Positions # of Contacts
X = 1 For 6u"Au
X = 2 For 15u"Au
X = 3 For 30u" Au
X = 4 For 50 u" Au
X = 0 For No Shield
X = 1 For Shield
XXX = 188 for single port 8P8C
XXX = 1AA for single port 10P10C
XXX = 288 for dual port 8P8C
XXX = 488 for quad port 8P8C
XXX = 688 for six port 8P8C
XXX = 888 for octal port 8P8C
X = 0 For No Shield
X = 1 For Shield
X=8 for RJ45
X=6 for RJ11
X=4 for RJ9
X=A for RJ50
X = 4, 6 or 8
X = 4 or 6
X = 2 or 4
X = 10
X
Stacked Right Angle and Vertical RoHS Compliant Modular Jacks with Shield, LED and Filter Options in RJ45 and RJ11 Configurations
Typical Part Number Structure - RJSAE-XXXX-XX
1
-
XXX
X = 4
X = 5
X ≠ 0 For LED's
X = 0 For No LED's
See LED Options Table
Shield Option
X = 0 No Shield
X = 3 Shield
X = P Shield
LED Option
Number of Contacts
8
RJ45 RJ11
X=N X=D
# of Ports
1
- 1
Typical Part Number Structure - RJE06-188-XXX0
8
X = 0 No Shield
X = 1 Shield
X = 1 to 8
- X
-
X
X = 3 For Shield
X = 0 For No Shield
X = 1 to 8 (RJ45)
X = 1 to 6 (RJ11)
X
Shield Option
X = 0 No Shield
X = 3 Shield + Top & Side Tabs
X = 4 Shield + Side Tabs Only
X = 5 Shield + No Tabs
X = 6 Shield + Top Tabs Only
X
X = 0 For No Shield
X = 1 For Shield
X = 1 For 6u"Au
X = 2 For 15u"Au
X = 3 For 30u" Au
X = 4 For 50 u" Au
Typical Part Number Structure - RJHSE-XXXX
Type
X ≠ 0 For LED's
X = 0 For No LED's
See LED Options Table
-
X
-
XX
# of ports
-
XX
# of ports
Typical Part Number Structure for Dual Row - RJSVE-XXXX-XX
X = 0 No Shield
X = 2 Shield + Filter
X = 3 Shield
X = 1 For 6u"Au
X = 2 For 15u"Au
X = 3 For 30u" Au
X = 4 For 50 u" Au
Typical Part Number Structure - RJE23-1XX-XXX0T
X = 0 for No Shield
X = 1 for Shield
- 1
- 1
X = 8 for 8
X = 6 for 6
X = 4 for 4
X = 2 for 2
1
X = A for 10
X = 8 for 8
X = 6 for 6
X = 4 for 4
X = 1 For 6u"Au
X = 2 For 15u"Au
X = 3 For 30u" Au
X = 4 For 50 u" Au
X = 1 For 6u"Au
X = 2 For 15u"Au
X = 3 For 30u" Au
X = 4 For 50 u" Au
X = 1 With Flange
X = 2 No Flange
Typical Part Number Structure - RJE08-1XX-0XX0
0T = Standard part
packed in Tape and
Reel
0 = Standard
X = A for 10
X = 8 for 8
X = 6 for 6
X = 4 for 4
1
X = 8 for 8
X = 6 for 6
# of Ports
# of Ports
RJE03
- 1
Typical Part Number Structure - RJE03-1XX-XXX0
- X
X = 1 to 8 (RJ45)
X = 1 to 6 (RJ11)
X ≠ 0 For LED's
X = 0 For No LED's
See LED Options Table
Type
X = 5 for RJ45
X = 7 for RJ11
1
# of Ports
# of Positions
# of Contacts
X=8 for RJ45
X=6 for RJ11
X=4 for RJ9
X=A for RJ50
X = 4, 6 or 8
X = 4 or 6
X = 2 or 4
X = 10
www.amphenolacp.com
Modular Jacks
ACPRJHC07


Similar Part No. - RJCSE-5085-01

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RJC06 TOCOS-RJC06 Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC06FB100K TOCOS-RJC06FB100K Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC06FB100M TOCOS-RJC06FB100M Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC06FB101K TOCOS-RJC06FB101K Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
RJC06FB101M TOCOS-RJC06FB101M Datasheet
226Kb / 5P
   1/4??Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
More results

Similar Description - RJCSE-5085-01

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
   Modular Jacks
logo
List of Unclassifed Man...
7001-4P4C ETC2-7001-4P4C Datasheet
100Kb / 2P
   RJ11 Modular Plug - 4P4C
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1 Datasheet
157Kb / 2P
   Filtered Modular Jacks
logo
Tyco Electronics
RJ11-2X MACOM-RJ11-2X_11 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
5569256-1 MACOM-5569256-1 Datasheet
173Kb / 3P
   Stacked Modular Jacks
logo
Adam Technologies, Inc.
MTJ64021 ADAM-TECH-MTJ64021 Datasheet
151Kb / 1P
   MODULAR TELEPHONE JACKS
logo
TE Connectivity Ltd
X TEC-X_V01 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Adam Technologies, Inc.
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com