Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPDCT0027 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCT0027
Description  2 Way 0쨘 Power Divider
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCT0027 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAPDCT0027 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCT0027 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCT0027 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPDCT0027 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.4155721
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
MAPDCT0027
Rev. V3
2 Way 0º Power Divider
5-1000MHz
Ordering Information
Item
Dimension
Ao
6.70mm +/-0.1mm
Bo
7.50mm +/-0.1mm
Ko
3.60mm +/-0.1mm
W
16.00mm +/-0.3mm
P1
12.00mm +/-0.1mm
Tape Specification:
Part Number
Package
MAPDCT0027TR
900 piece reel


Similar Part No. - MAPDCT0027

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCT0027 MA-COM-MAPDCT0027 Datasheet
128Kb / 4P
   2 Way Power Divider
MAPDCT0027 MA-COM-MAPDCT0027_15 Datasheet
128Kb / 4P
   Power Divider
More results

Similar Description - MAPDCT0027

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
   2 Way 0쨘 Power Divider
MAPD-010038-C209C0 MA-COM-MAPD-010038-C209C0 Datasheet
190Kb / 4P
   2 Way 0쨘 Power Divider
MAPD-010281-C2W024 MA-COM-MAPD-010281-C2W024_15 Datasheet
155Kb / 4P
   2 Way 0쨘 Power Divider
MACPES0045 MA-COM-MACPES0045 Datasheet
96Kb / 4P
   2 Way 0쨘 Power Divider
MAPD-009673-C2DA40 MA-COM-MAPD-009673-C2DA40 Datasheet
137Kb / 3P
   2 Way 0쨘 Power Divider
MAPD-007874-C20960 MA-COM-MAPD-007874-C20960 Datasheet
98Kb / 4P
   2 Way 0쨘 Power Divider
MAPD-010047-C2W24M MA-COM-MAPD-010047-C2W24M Datasheet
161Kb / 4P
   2 Way 0쨘 Power Divider
MAPDCT0026 MA-COM-MAPDCT0026 Datasheet
106Kb / 3P
   2 Way 0쨘 Power Divider
MAPD-010047-C2W24M MA-COM-MAPD-010047-C2W24M_15 Datasheet
161Kb / 4P
   2 Way 0쨘 Power Divider
DS-MAPD-009918-C209C0_V2 MA-COM-DS-MAPD-009918-C209C0_V2 Datasheet
170Kb / 4P
   2 Way 0쨘 Power Divider
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com