Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPDCT0017 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCT0017
Description  Broadband CATV
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCT0017 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAPDCT0017 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCT0017 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCT0017 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPDCT0017 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Broadband CATV
3 way 0 Degree Power Divider
2
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.4155721
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
MAPDCT0017
Rev. V2
Electrical Specifications: TA = 25°C, Z0 = 75Ω
* Monitored during production tune/test
Recommended Maximum Ratings 1,2
1. Exceeding any one or combination of these limits may
cause permanent damage to this device.
2. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
Parameter
Value
RF Power
250 mW
DC Current
30 mA
Operating/Storage
Temperature
-40° C to +85° C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency Range: 46-1200 MHz
MHz
Insertion Loss 1 (pin 8 to 1)
*
Ref value –4.77dB
46 – 870
870 – 1002
1002 - 1200
dB
dB
dB
-
-
-
1.23
1.50
2.23
1.50
1.80
3.20
Insertion Loss 2 (pin 8 to 4)
*
Ref value –4.77dB
46 – 870
870 – 1002
1002 - 1200
dB
dB
dB
-
-
-
1.00
1.20
2.00
1.30
1.50
2.80
Insertion Loss 3 (pin 8 to 5)
*
Ref value –4.77dB
46 – 870
870 – 1002
1002 - 1200
dB
dB
dB
-
-
-
1.50
1.80
2.80
1.80
2.20
3.30
Input Return Loss
*
46 – 405
405 – 1002
1002 – 1200
dB
dB
dB
20
17.5
11
25
20
18
-
-
-
Output return Loss 1 & 2*
(Pin 1, 4)
46 - 1200
dB
20
25
-
Output return Loss 3
*
(Pin 5)
46 – 740
740 –1002
1002 -1200
dB
dB
dB
20
17
14
25
20
18
-
-
-
Isolation between outputs
46 - 1002
1002 - 1200
dB
dB
20
18
25
24
-
-
Amplitude Unbalance
Output 1 to Output 2 (pin 1, 4)
46 - 1002
dB
-
0.3
0.5
Amplitude Unbalance
Output 1 to Output 3 (pin 1, 5)
46 - 1002
dB
-
-0.3
-0.5
Phase Unbalance
50 – 1200
°
-4.0
3.0
4.0


Similar Part No. - MAPDCT0017

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCT0017 MA-COM-MAPDCT0017 Datasheet
169Kb / 4P
   Broadband CATV
MAPDCT0017 MA-COM-MAPDCT0017_15 Datasheet
169Kb / 4P
   3 way 0 Degree Power Divider
More results

Similar Description - MAPDCT0017

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACPCT0039 MA-COM-MACPCT0039_15 Datasheet
69Kb / 3P
   Broadband CATV
MAPDCT0017 MA-COM-MAPDCT0017 Datasheet
169Kb / 4P
   Broadband CATV
MACPCT0040 MA-COM-MACPCT0040_15 Datasheet
85Kb / 3P
   Broadband CATV
MAFL-009055-CD4254 MA-COM-MAFL-009055-CD4254 Datasheet
101Kb / 3P
   Broadband CATV Diplexer
MAAM-010373 MA-COM-MAAM-010373 Datasheet
195Kb / 5P
   Broadband CATV Amplifier
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
   Broadband CATV Amplifier
MACP-008125-CK07F0 MA-COM-MACP-008125-CK07F0 Datasheet
99Kb / 3P
   Broadband CATV, Coupler
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
169Kb / 4P
   Broadband CATV Amplifier
MAAM-009633 MA-COM-MAAM-009633 Datasheet
203Kb / 4P
   Broadband CATV Amplifier
MAFL-009055-CD4254 MA-COM-MAFL-009055-CD4254_15 Datasheet
101Kb / 3P
   Broadband CATV Diplexer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com